Electronic Components Datasheet Search
  English  ▼

X  

AD8510 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8510
Description  Low Noise, Fast Settling Single Supply, RRO, JFET Op Amp
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8510 Datasheet(HTML) 2 Page - Analog Devices

  AD8510 Datasheet HTML 1Page - Analog Devices AD8510 Datasheet HTML 2Page - Analog Devices AD8510 Datasheet HTML 3Page - Analog Devices AD8510 Datasheet HTML 4Page - Analog Devices AD8510 Datasheet HTML 5Page - Analog Devices AD8510 Datasheet HTML 6Page - Analog Devices AD8510 Datasheet HTML 7Page - Analog Devices AD8510 Datasheet HTML 8Page - Analog Devices AD8510 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
ADA4625-1
Data Sheet
Rev. 0 | Page 2 of 30
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
General Description ......................................................................... 1
 
Pin Configuration............................................................................. 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
Electrical Characteristics—±18 V Operation........................... 3
 
Electrical Characteristics—5 V Operation................................ 5
 
Absolute Maximum Ratings............................................................ 7
 
Thermal Resistance ...................................................................... 7
 
ESD Caution.................................................................................. 7
 
Pin Configuration and Function Descriptions............................. 8
 
Typical Performance Characteristics ............................................. 9
 
Theory of Operation ...................................................................... 20
 
Input and Gain Stages ................................................................ 20
 
Output Stage................................................................................ 20
 
No Phase Inversion .................................................................... 21
 
Supply Current............................................................................ 21
 
Applications Information .............................................................. 22
 
Active Loop Filter for Phase-Locked Loops (PLLs) .............. 22
 
ADA4625-1 Advantages and Design Example....................... 23
 
Transimpedance Amplifier ....................................................... 24
 
Recommended Power Solution ................................................ 28
 
Input Overvoltage Protection ................................................... 28
 
Driving Capacitive Loads.......................................................... 28
 
Thermal Management ............................................................... 29
 
Outline Dimensions ....................................................................... 30
 
Ordering Guide .......................................................................... 30
 
REVISION HISTORY
10/2017—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com