Electronic Components Datasheet Search
  English  ▼

X  

LANEUW Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # LANEUW
Description  RoHS Compliant
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LANEUW Datasheet(HTML) 2 Page - Wall Industries,Inc.

  LANEUW Datasheet HTML 1Page - Wall Industries,Inc. LANEUW Datasheet HTML 2Page - Wall Industries,Inc. LANEUW Datasheet HTML 3Page - Wall Industries,Inc. LANEUW Datasheet HTML 4Page - Wall Industries,Inc. LANEUW Datasheet HTML 5Page - Wall Industries,Inc. LANEUW Datasheet HTML 6Page - Wall Industries,Inc. LANEUW Datasheet HTML 7Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Rev. B
LANEUW Series
Single and Dual Outputs
4:1 Ultra Wide Input Range
2 Watt DC/DC Power Converters
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
04/16/2012
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 2 of 7
SPECIFICATIONS: LANEUW SERIES
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
Input Voltage Range
24VDC nominal input models
9
24
36
VDC
48VDC nominal input models
18
48
75
Input Surge Voltage (1s max.)
24VDC nominal input models
-0.7
50
VDC
48VDC nominal input models
-0.7
100
Start-up Voltage
24VDC nominal input models
4.5
6
8.5
VDC
48VDC nominal input models
8.5
12
17
Under Voltage Shutdown
24VDC nominal input models
8
VDC
48VDC nominal input models
16
Input Current
See Table
Reflected Ripple Current (Page 5)
24VDC nominal input models
300
mA
48VDC nominal input models
600
Reverse Polarity Input Current
0.5
A
Short Circuit Input Power
1500
mW
Input Filter
Capacitor Type
Internal Power Dissipation
2500
mW
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Line Regulation
Low line to high line at full load
±0.3
±0.5
%
Load Regulation
25% to 100% full load
±0.5
±0.75
%
Output Voltage Accuracy
Full load an nominal Vin
±1.0
±2.0
%
Output Voltage Balance
Dual Outputs, Balanced loads
±1.0
±2.0
%
Output Power
2
W
Output Current
See Table
Minimum Load (Note 1)
See Table
Ripple & Noise (20MHz) (Page 5)
30
50
mVp-p
Over line, load, and temperature
75
mVp-p
15
mVrms
Transient Recovery Time
Measured to within 1% error band for a step change in output
load from 75% to 100%
100
300
µs
Transient Response Deviation
25% load step change
±3
±5
%
Temperature Coefficient
±0.01
±0.02
%/°C
PROTECTION
Short Circuit Protection
continuous
Input Fuse (Note 2)
24VDC nominal input models
350mA slow-blow type
48VDC nominal input models
135mA slow-blow type
GENERAL SPECIFICATIONS
Efficiency
Nominal input voltage and full load
See Table
Switching Frequency
300
KHz
Isolation Voltage (Input to Output)
60 seconds
1500
VDC
Isolation Resistance
500VDC
1000
MΩ
Isolation Capacitance
250
500
pF
Maximum Capacitive Load
See Table
REMOTE ON/OFF (Page 5)
Negative Logic
Converter On
Under 6.0VDC or open circuit, drops down to 0VDC by 2mV/°C
Converter Off
2.9 to 15VDC
Stand-by Input Current
Nominal Vin
1
3
mA
Control Input Current
On
Vin = 0V
-1
mA
Off
Vin = 5.0V
1
Control Common
Referenced to negative input
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature Range (with derating)
ambient
-40
+85
°C
Case Temperature
+90
°C
Storage Temperature
-55
+105
°C
Humidity (non-condensing)
95
% RH
Cooling
Free air convection
Lead Temperature
1.5mm from case for 10 seconds
260
°C
MTBF (calculated)
MIL-HDBK-217F at 25°C, Ground Benign
1,000,000
hours
PHYSICAL SPECIFICATIONS
Weight
0.23oz (6.5g)
Dimensions (L x W x H)
1.02 x 0.36 x 0.49 inches (25.95 x 9.25 x 12.45 mm)
Case Material
Non-conductive black plastic
Flammability
UL 94V-0 rated



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com