Electronic Components Datasheet Search
  English  ▼

X  

SL52CF Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # SL52CF
Description  Schottky Barrier Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SL52CF Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  SL52CF Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SL52CF Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited SL52CF Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Schottky Barrier Rectifiers
SL52CF--SL545CF
SCF412AA
www.gmesemi.com
Rev.B
Production specification
Electrical Characteristics (@TA = 25°C unless otherwise specified)
Parameter
Symbol
Test
conditions
Typ.
Max.
Units
Maximum instantaneous
forward voltage(Note 1)
VF
IF=5.0A
@TA=25°C
--
0.45
V
Maximum Reverse current
(Note 2)
IR
Rated VR,
@TJ=25°C
--
500
μ A
@TJ=100°C
--
40
m A
Note:
1.Pulse test: 300us pulse width, 1 % duty cycle
2.Pulse test: Pulse width 40ms



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com