Electronic Components Datasheet Search
  English  ▼

X  

LANEW505R Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # LANEW505R
Description  2 Watt DC/DC Converter Single and Dual Outputs 2:1 Wide Input Voltage Range
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LANEW505R Datasheet(HTML) 1 Page - Wall Industries,Inc.

  LANEW505R Datasheet HTML 1Page - Wall Industries,Inc. LANEW505R Datasheet HTML 2Page - Wall Industries,Inc. LANEW505R Datasheet HTML 3Page - Wall Industries,Inc. LANEW505R Datasheet HTML 4Page - Wall Industries,Inc. LANEW505R Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Wall Industries, Inc. 37 Industrial Drive Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
LANEW Series
2 Watt DC/DC Converter
Single and Dual Outputs
2:1 Wide Input Voltage Range
Rev. B
FEATURES
● Low Ripple & Noise
● Single and Dual Outputs
● High Efficiency up to 81%
● External ON/OFF Control
● Output Current up to 500mA
● 2:1 Wide Input Voltage Range
● UL94-V0 Case Potting Materials
● 2 Watts Maximum Output Power
● Continuous Short Circuit Protection
● Switching Frequency (100KHz, min)
● Input to Output Isolation up to 1KVDC
● SIP Package: 0.86 x 0.36 x 0.44 Inches
● ISO9001 Certified Manufacturing Facilities
● Compliant to RoHS EU Directive 2002/95/EC
● No External Input and Output Capacitor Needed
● UL60950-1, EN60950-1, and IEC60950-1 Licensed
● CE Mark Meets 2006/95/EC, 93/68/EEC, and 2004/108/EC
SPECIFICATIONS: LANEW Series
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
INPUT SPECIFICATIONS
Input Voltage Range
5V nominal input
12V nominal input
24V nominal input
48V nominal input
4.5 – 9 VDC
9 – 18 VDC
18 – 36 VDC
36 – 75 VDC
Input Current
See Table
Input Filter
Capacitor Type
Input Surge Voltage (100ms max)
5V nominal input
12V nominal input
24V nominal input
48V nominal input
15 VDC
36 VDC
50 VDC
100 VDC
Input Reflected Ripple Current
(There is an external capacitor at input (See Note 7))
5V nominal input (10μF / MLCC)
12V nominal input (10μF / MLCC)
24V nominal input (2.2μF / MLCC)
48V nominal input (2.2μF / MLCC)
400mAp-p, max
150mAp-p, max
380mVp-p, max
170mVp-p, max
Start Up Time
(Nominal Vin and constant resistive Load)
Power Up
Remote ON/OFF
1ms, typ
1ms, typ
Remote ON/OFF
DC-DC ON
DC-DC OFF
Remote OFF Input Current (nominal input)
Open or high impedance
Control pin applied current
4 ~ 8mA max (via 1KΩ)
2.5mA, max
Application Circuit
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Accuracy
Full load and nominal Vin
±1%
Line Regulation
Low line to high line at full load
±0.5%
Load Regulation (min load to full load)
Single Output (3.3Vout)
Single Output (Others)
Dual Output
±0.85%
±0.75%
±1%
Cross Regulation (Dual)
Asymmetrical load 25% / 100% FL
±5%
Minimum Load (See Note 6)
See table
APPLICATIONS
● Wireless Networks
● Telecom/Datacom
● Industry Control Systems
● Semiconductor Equipment
DESCRIPTION
The LANEW series offers 2 watts of output power from a 0.86 x 0.36 x 0.44
inch package without derating to 85ºC and without external input/output
capacitors. The LANEW series has 2:1 wide input voltage ranges of 4.5-9,
9-18, 18-36 and 36-75VDC and features 1000VDC of isolation and short-
circuit protection. The LANEW series meets EN60950 and UL60950
requirements. All models are particularly well suited to telecommunications,
industrial, mobile telecom and test equipment applications.


Similar Part No. - LANEW505R

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANEW505R WALL-LANEW505R Datasheet
189Kb / 4P
2 Watt DC/DC Converter Single and Dual Outputs 2:1 Wide Input Voltage Range
LANEW505R3 WALL-LANEW505R3 Datasheet
178Kb / 4P
3 Watt DC/DC Converter Single and Dual Outputs 2:1 Wide Input Voltage Range
LANEW505R3 WALL-LANEW505R3 Datasheet
172Kb / 4P
3 Watt DC/DC Converter
LANEW505R3H WALL-LANEW505R3H Datasheet
168Kb / 4P
Low Ripple & Noise
LANEW505RD WALL-LANEW505RD Datasheet
189Kb / 4P
2 Watt DC/DC Converter Single and Dual Outputs 2:1 Wide Input Voltage Range
More results

Similar Description - LANEW505R

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
KR12S33-1000 WALL-KR12S33-1000 Datasheet
153Kb / 3P
6 Watt DC/DC Converter Single and Dual Outputs 2:1 and 4:1 Wide Input Voltage Range
JR5S5-2000 WALL-JR5S5-2000 Datasheet
151Kb / 3P
Single and Dual Outputs 10 Watt DC/DC Converter 2:1 Wide Input Voltage Range
JC5S33-500 WALL-JC5S33-500 Datasheet
230Kb / 8P
2:1 Wide Input Range Single and Dual Output 2 Watt DC/DC Converter
DM12S33-4000 WALL-DM12S33-4000 Datasheet
250Kb / 3P
Single and Dual Output 15 Watt DC/DC Converter 2:1 Wide Input Voltage Range
LANCW8 WALL-LANCW8 Datasheet
243Kb / 3P
Single and Dual Output 8 Watt DC/DC Converter 2:1 Wide Input Voltage Range
LANEW WALL-LANEW Datasheet
189Kb / 4P
2 Watt DC/DC Converter Single and Dual Outputs 2:1 Wide Input Voltage Range
LANEW3 WALL-LANEW3 Datasheet
178Kb / 4P
3 Watt DC/DC Converter Single and Dual Outputs 2:1 Wide Input Voltage Range
JC5533-500 WALL-JC5533-500 Datasheet
242Kb / 8P
2:1 Wide Input Range Single and Dual Output 2 Watt DC/DC Converter
CB12S1.5-8500 WALL-CB12S1.5-8500 Datasheet
208Kb / 4P
Single and Dual Outputs 30 Watt DC/DC Converter 2:1 Wide Input Voltage Range
MSKW WALL-MSKW_16 Datasheet
209Kb / 7P
5 Watt DC/DC Converter Single and Dual Outputs 2:1 Wide Input Voltage Range
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com