Electronic Components Datasheet Search
  English  ▼

X  

LANEW515R Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # LANEW515R
Description  2 Watt DC/DC Converter Single and Dual Outputs 2:1 Wide Input Voltage Range
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LANEW515R Datasheet(HTML) 2 Page - Wall Industries,Inc.

  LANEW515R Datasheet HTML 1Page - Wall Industries,Inc. LANEW515R Datasheet HTML 2Page - Wall Industries,Inc. LANEW515R Datasheet HTML 3Page - Wall Industries,Inc. LANEW515R Datasheet HTML 4Page - Wall Industries,Inc. LANEW515R Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Wall Industries, Inc. 37 Industrial Drive Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
LANEW Series
2 Watt DC/DC Converter
Single and Dual Outputs
2:1 Wide Input Voltage Range
Rev. B
SPECIFICATIONS (CONTINUED)
OUTPUT SPECIFICATIONS (CONTINUED)
Output Power
2 Watts max.
Output Current
See Table
Ripple & Noise (20MHz bandwidth)
50mVp-p
Transient Response Recovery Time
25% load step change
500μs, typ.
PROTECTION
Short Circuit Protection
Continuous, automatic recovery
GENERAL SPECIFICATIONS
Efficiency
See Table
Switching Frequency
Full load to minimum load
100KHz, min.
Isolation Voltage (input to output)
1000VDC min.
Insulation Resistance
10GΩ min.
Isolation Capacitance
200pF max.
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
-40°C to +85°C (with derating)
Storage Temperature
-55°C to +105°C
Relative Humidity
5% to 95% RH
Temperature Coefficient
±0.2% / °C max.
Thermal Shock
MIL-STD-810F
Vibration
MIL-STD-810F
MTBF (see Note 1)
BELLCORE TR-NWT-000332
MIL-HDBK-217F
5,107,000 hours
2,886,000 hours
PHYSICAL SPECIFICATIONS
Weight
4.8 grams (0.17oz)
Dimensions (LxWxH)
0.86 x 0.36 x 0.44 inches
21.8 x 9.1 x 11.2 mm
Case Material
Non-conductive black plastic
Base Material
None
Potting Material
Silicon (UL94-V0)
SAFETY & EMC
Safety Approvals and Standards
IEC60950-1, UL60950-1, EN60950-1
EMI (see Note 8)
EN55022
Class A
ESD
EN61000-4-2
Air
± 8KV
Perf. Criteria A
Contact
± 6KV
Radiated Community
EN61000-4-3
10 V/m
Perf. Criteria A
Fast Transient (see Note 9)
EN61000-4-4
± 2KV
Perf. Criteria B
Surge (see Note 9)
EN61000-4-5
± 1 KV
Perf. Criteria A
Conducted Immunity
EN61000-4-6
10 Vrms
Perf. Criteria A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com