Electronic Components Datasheet Search
  English  ▼

X  

LANF2409N Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # LANF2409N
Description  Up to 1.8 Watts DC/DC Converter Single and Dual Outputs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LANF2409N Datasheet(HTML) 1 Page - Wall Industries,Inc.

  LANF2409N Datasheet HTML 1Page - Wall Industries,Inc. LANF2409N Datasheet HTML 2Page - Wall Industries,Inc. LANF2409N Datasheet HTML 3Page - Wall Industries,Inc. LANF2409N Datasheet HTML 4Page - Wall Industries,Inc. LANF2409N Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev E
LAN F SERIES
Up to 1.8 Watts
DC/DC Converter
Single and Dual Outputs
1/9/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 5
FEATURES
• RoHS Compliant
• Low Ripple and Noise
• Single and Dual Outputs
• Ultra Miniature SIP: 12 Pin
• Internal SMD Construction
• Regulated and Non-Regulated Versions
Available
• Two Levels of I/O Isolation Available:
500VDC or 3KVDC
• Recognized by UL 60950-1
DESCRIPTION
When board space is at a premium and voltage conversions require low power the
LAN F series miniature converters offer superior performance for an economical price.
A multitude of options and operating ranges allow you to custom-tailor these
converters to your application requirements. These dc/dc converters provide up to 1.8
watts of power while maintaining specifications over the entire commercial operating
temperature range. This series is RoHS compliant and is recognized by UL 60950-1.
Size: 1.25in x 0.34in x 0.57in (31.8mm x 8.6mm x 14.5mm)
MODEL SELECTION TABLE
Single Output Models
Model Number(1) Input Voltage Range
Output
Voltage
Output Current
Efficiency
Ripple & Noise
Output Power
Regulated
Non-Regulated
LANF505N
5VDC
(4.5-5.5VDC)
5VDC
360mA
58%
70%
50mVp-p
1.8W
LANF509N
9VDC
200mA
60%
70%
LANF512N
12VDC
150mA
60%
75%
LAN5515N
15VDC
120mA
60%
75%
LANF524N
24VDC
75mA
60%
80%
LANF1205N
12VDC
(10.8-13.2VDC)
5VDC
360mA
58%
70%
50mVp-p
1.8W
LANF1209N
9VDC
200mA
60%
70%
LANF1212N
12VDC
150mA
60%
75%
LANF1215N
15VDC
120mA
60%
75%
LANF1224N
24VDC
75mA
60%
80%
LANF1505N
15VDC
(13.5-16.5VDC)
5VDC
360mA
58%
70%
50mVp-p
1.8W
LANF1509N
9VDC
200mA
60%
70%
LANF1512N
12VDC
150mA
60%
75%
LANF1515N
15VDC
120mA
60%
75%
LANF1524N
24VDC
75mA
60%
80%
LANF2405N
24VDC
(21.6-26.4VDC)
5VDC
360mA
58%
70%
50mVp-p
1.8W
LANF2409N
9VDC
200mA
60%
70%
LANF2412N
12VDC
150mA
60%
75%
LANF2415N
15VDC
120mA
60%
75%
LANF2424N
24VDC
75mA
60%
80%
MODEL SELECTION TABLE
Dual Output Models
Model Number(1) Input Voltage Range
Output
Voltage
Output Current
Efficiency
Ripple & Noise
Output Power
Regulated
Non-Regulated
LANF505ND
5VDC
(4.5-5.5VDC)
±5VDC
±180mA
-
70%
50mVp-p
1.8W
LANF509ND
±9VDC
±100mA
-
70%
LANF512ND
±12VDC
±75mA
60%
75%
LANF515ND
±15VDC
±60mA
60%
75%
LANF524ND
±24VDC
±38mA
60%
80%
LANF1205ND
12VDC
(10.8-13.2VDC)
±5VDC
±180mA
-
70%
50mVp-p
1.8W
LANF1209ND
±9VDC
±100mA
-
70%
LANF1212ND
±12VDC
±75mA
60%
75%
LANF1215ND
±15VDC
±60mA
60%
75%
LANF1224ND
±24VDC
±38mA
60%
80%
LANF1505ND
15VDC
(13.5-16.5VDC)
±5VDC
±180mA
-
70%
50mVp-p
1.8W
LANF1509ND
±9VDC
±100mA
-
70%
LANF1512ND
±12VDC
±75mA
60%
75%
LANF1515ND
±15VDC
±60mA
60%
75%
LANF1524ND
±24VDC
±38mA
60%
80%
LANF2405ND
24VDC
(21.6-26.4VDC)
±5VDC
±180mA
-
70%
50mVp-p
1.8W
LANF2409ND
±9VDC
±100mA
-
70%
LANF2412ND
±12VDC
±75mA
60%
75%
LANF2415ND
±15VDC
±60mA
60%
75%
LANF2424ND
±24VDC
±38mA
60%
80%


Similar Part No. - LANF2409N

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANF2409N WALL-LANF2409N Datasheet
126Kb / 3P
Up to 1.8 Watts DC/DC Converter Single and Dual Output
More results

Similar Description - LANF2409N

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANF WALL-LANF Datasheet
126Kb / 3P
Up to 1.8 Watts DC/DC Converter Single and Dual Output
DCSDW02 WALL-DCSDW02 Datasheet
310Kb / 5P
Up to 2.01 Watts DC/DC Converter Single and Dual Outputs
DCIDW08 WALL-DCIDW08 Datasheet
358Kb / 5P
8 Watts DC/DC Converter Single and Dual Outputs
DCMIW05 WALL-DCMIW05 Datasheet
331Kb / 5P
5 Watts DC/DC Converter Single and Dual Outputs
DCMJW10 WALL-DCMJW10 Datasheet
395Kb / 6P
10 Watts DC/DC Converter Single and Dual Outputs
DCMK10-HI WALL-DCMK10-HI Datasheet
324Kb / 5P
10 Watts DC/DC Converter Single and Dual Outputs
MRW10 WALL-MRW10 Datasheet
990Kb / 10P
10 Watts DC/DC Converter Single and Dual Outputs
RBA6 WALL-RBA6 Datasheet
703Kb / 7P
6 Watts Single and Dual Outputs DC/DC Converter
DCPDLW09 WALL-DCPDLW09 Datasheet
538Kb / 6P
Up to 9 Watts DC DC Converter Single and Dual Outputs
DCPDL09 WALL-DCPDL09 Datasheet
555Kb / 6P
Up to 9 Watts DC DC Converter Single and Dual Outputs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com