Electronic Components Datasheet Search
  English  ▼

X  

APC308 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # APC308
Description  Rail to Rail Output CMOS Operating Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

APC308 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button APC308 Datasheet HTML 6Page - List of Unclassifed Manufacturers APC308 Datasheet HTML 7Page - List of Unclassifed Manufacturers APC308 Datasheet HTML 8Page - List of Unclassifed Manufacturers APC308 Datasheet HTML 9Page - List of Unclassifed Manufacturers APC308 Datasheet HTML 10Page - List of Unclassifed Manufacturers APC308 Datasheet HTML 11Page - List of Unclassifed Manufacturers APC308 Datasheet HTML 12Page - List of Unclassifed Manufacturers APC308 Datasheet HTML 13Page - List of Unclassifed Manufacturers APC308 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.1 - Oct., 2001
APC308
www.anpec.com.tw
10
Millimeters
Inches
Dim
Min.
Max.
Min.
Max.
A
1.35
1.75
0.053
0.069
A1
0.10
0.25
0.004
0.010
D
4.80
5.00
0.189
0.197
E
3.80
4.00
0.150
0.157
H
5.80
6.20
0.228
0.244
L
0.40
1.27
0.016
0.050
e1
0.33
0.51
0.013
0.020
e2
1.27BSC
0.50BSC
φ 1
0°
8°
0°
8°
H
E
e1
e2
D
A
A1
0.004max.
1
L
Packaging Information
SOP-8 pin ( Reference JEDEC Registration MS-012)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com