Electronic Components Datasheet Search
  English  ▼

X  

DG604E Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG604E
Description  The DG604E operating temperature range is specified from
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG604E Datasheet(HTML) 4 Page - Vishay Siliconix

  DG604E Datasheet HTML 1Page - Vishay Siliconix DG604E Datasheet HTML 2Page - Vishay Siliconix DG604E Datasheet HTML 3Page - Vishay Siliconix DG604E Datasheet HTML 4Page - Vishay Siliconix DG604E Datasheet HTML 5Page - Vishay Siliconix DG604E Datasheet HTML 6Page - Vishay Siliconix DG604E Datasheet HTML 7Page - Vishay Siliconix DG604E Datasheet HTML 8Page - Vishay Siliconix DG604E Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
DG604E
www.vishay.com
Vishay Siliconix
S17-1098-Rev. A, 17-Jul-17
4
Document Number: 75612
For technical questions, contact: analogswitchtechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
a. Signals on SX, DX, or INX exceeding V+ or V- will be clamped by internal diodes. Limit forward diode current to maximum current ratings
b. All leads welded or soldered to PC board
c. Derate 5.6 mW/°C above 70 °C
d. Derate 6.6 mW/°C above 70 °C
e. Manual soldering with iron is not recommended for leadless components. The miniQFN-16 is a leadless package. The end of the lead
terminal is exposed copper (not plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper lip
cannot be guaranteed and is not required to ensure adequate bottom side solder interconnection
Power Supply
Power supply current
I+
VIN = 0 V or V+
Room
0.0004
-
0.5
-
0.5
μA
Full
-
-
1
-
1
Negative supply
current
I-
Room
-0.0004
-0.5
-
-0.5
-
Full
-
-1
-
-1
-
Ground current
IGND
Room
-0.0004
-0.5
-
-0.5
-
Full
-
-1
-
-1
-
SPECIFICATIONS FOR DUAL SUPPLIES (V+ = 5 V, V- = -5 V)
PARAMETER
SYMBOL
TEST CONDITIONS
UNLESS OTHERWISE
SPECIFIED
V+ = 5 V, V- = -5 V
VIN A0, A1, AND ENABLE = 2 V, 0.8 V a
TEMP.b
TYP. c
-40 °C to +125 °C
-40 °C to +85 °C
UNIT
MIN. d
MAX. d
MIN. d
MAX. d



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com