Electronic Components Datasheet Search
  English  ▼

X  

BC817DPN Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BC817DPN
Description  NPN/PNP general purpose transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BC817DPN Datasheet(HTML) 3 Page - NXP Semiconductors

  BC817DPN Datasheet HTML 1Page - NXP Semiconductors BC817DPN Datasheet HTML 2Page - NXP Semiconductors BC817DPN Datasheet HTML 3Page - NXP Semiconductors BC817DPN Datasheet HTML 4Page - NXP Semiconductors BC817DPN Datasheet HTML 5Page - NXP Semiconductors BC817DPN Datasheet HTML 6Page - NXP Semiconductors BC817DPN Datasheet HTML 7Page - NXP Semiconductors BC817DPN Datasheet HTML 8Page - NXP Semiconductors BC817DPN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
2002 Nov 22
3
Philips Semiconductors
Product specification
NPN/PNP general purpose transistor
BC817DPN
THERMAL CHARACTERISTICS
Note
1. Device mounted on a printed-circuit board; single sided copper; tinplated; mounting pad for collector 1 cm2.
CHARACTERISTICS
Tamb =25 °C unless otherwise specified.
Notes
1. Pulse test: tp ≤ 300 µs; δ≤ 0.02.
2. VBE decreases by approximately −2 mV/K with increasing temperature.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to
ambient
note 1
208
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Per transistor unless otherwise specified; for the PNP transistor with negative polarity
ICBO
collector-base cut-off current
VCB = 20 V; IE =0
−−
100
nA
VCB = 20 V; IE = 0; Tj = 150 °C
−−
5
µA
IEBO
emitter-base cut-off current
VEB =5V; IC =0
−−
100
nA
hFE
DC current gain
VCE =1V; IC = 100 mA; note 1
160
−
400
VCE =1V; IC = 500 mA; note 1
40
−−
VCEsat
collector-emitter saturation voltage IC = 500 mA; IB = 50 mA; note 1
−−
700
mV
VBE
base-emitter voltage
VCE =1 V; IC = 500 mA;
notes 1 and 2
−−
1.2
V
NPN transistor
Cc
collector capacitance
VCB = 10 V; IE =Ie = 0; f = 1 MHz
−
5
−
pF
fT
transition frequency
VCE =5V; IC = 10 mA;
f = 100 MHz
100
−−
MHz
PNP transistor
Cc
collector capacitance
VCB = −10 V; IE =Ie = 0; f = 1 MHz
−
9
−
pF
fT
transition frequency
VCE = −5 V; IC = −10 mA;
f = 100 MHz
80
−−
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com