Electronic Components Datasheet Search
  English  ▼

X  

BC847 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # BC847
Description  SOT23 NPN SILICON PLANAR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

BC847 Datasheet(HTML) 2 Page - Zetex Semiconductors

  BC847 Datasheet HTML 1Page - Zetex Semiconductors BC847 Datasheet HTML 2Page - Zetex Semiconductors BC847 Datasheet HTML 3Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS (Continued)
PARAMETER
SYMBOL
BC846 BC847 BC848 BC849 BC850
UNIT CONDITIONS.
Dynamic
Group VI
Characteristics
Group A
Group B
Group C
hie
Min
Typ
Max
0.4
1.2
2.2
0.4
1.2
2.2
0.4
1.2
2.2
–
–
–
–
–
–
kΩ
kΩ
kΩ
VCE=5V
Ic=2mA
Min
Typ
Max
1.6
2.7
4.5
1.6
2.7
4.5
1.6
2.7
4.5
–
–
–
–
–
–
kΩ
kΩ
kΩ
Min
Typ
Max
3.2
4.5
8.5
kΩ
kΩ
kΩ
Min
Typ
Max
–
–
–
–
–
–
6
8.7
15
6
8.7
15
6
8.7
15
kΩ
kΩ
kΩ
Group VI
Group A
Group B
Group C
hre
Typ
Typ
Typ
Typ
2.5
1.5
2
–
2.5
1.5
2
–
2.5
1.5
2
3
–
–
2
3
–
–
2
3
x10-4
x10-4
x10-4
x10-4
Group VI
Group A
Group B
Group C
hfe
Min
Typ
Max
75
110
150
75
110
150
75
110
150
–
–
–
–
–
–
Min
Typ
Max
125
220
260
125
220
260
125
220
260
–
–
–
–
–
–
Min
Typ
Max
240
330
500
Min
Typ
Max
–
–
–
450
600
900
450
600
900
450
600
900
450
600
900
Group VI
hoe
Typ
Max
20
40
20
40
20
40
–
–
–
–
µ
s
µ
s
Group A
Typ
Max
18
30
18
30
18
30
–
–
–
–
µ
s
µ
s
Group B
Typ
Max
30
60
µ
s
µ
s
Group C
Typ
Max
–
–
–
–
60
110
60
110
60
110
µ
s
µ
s
BC846
BC847
BC848
BC849
BC850
ELECTRICAL CHARACTERISTICS (Continued)
PARAMETER
SYMBOL
BC846 BC847 BC848 BC849 BC850
UNIT CONDITIONS.
Static
Group VI
Forward
Current Ratio
hFE
Min
Typ
Max
75
110
150
75
110
150
75
110
150
–
–
–
–
–
–
IC=2mA, VCE=5V
Group A
hFE
Typ 90
9090–
–
IC=0.01mA, VCE=5V
Min
Typ
Max
110
180
220
110
180
220
110
180
220
–
–
–
–
–
–
IC=2mA, VCE=5V
Typ 120
120
120
–
–
IC=100mA, VCE=5V
Group B
hFE
Typ
150
IC=0.01mA, VCE=5V
Min
Typ
Max
200
290
450
IC=2mA, VCE=5V
Typ 200
200
200
–
–
IC=100mA, VCE=5V
Group C
hFE
Typ. –
270
270
270
270
IC=0.01mA, VCE=5V
Min
Typ
Max
–
–
–
420
500
800
420
500
800
420
500
800
420
500
800
IC=2mA, VCE=5V
Typ –
–
400
–
–
IC=100mA, VCE=5V
Transition Frequency
fT
Typ
300
MHz IC=10mA, VCE=5V
f=100MHz
Collector-Base
Capacitance
Cobo
Typ
Max
2.5
4.5
pF
pF
VCB=10V f=1MHz
Emitter-Base
Capacitance
Cib0
Typ
9
pF
VEB=0.5V f=1MHz
Noise Figure
N
Typ
Max
2
10
2
10
2
10
1.2
4
1
4
dB
dB
VCE= 5V, IC=200µA,
RG=2kΩ, f=1kHz,
∆
f=200Hz
Typ
Max
–
–
–
–
–
–
1.2
4
1
3
dB
dB
VCE= 5V, IC=200µA,
RG=2kΩ, f=30Hz to
15kHz at -3dB
points
Equivalent Noise
Voltage
en
Max. –
–
–
110
110
nV
VCE= 5V, IC=200µA,
RG=2kΩ, f=10Hz to
50Hz at -3dB
points
BC846
BC847
BC848
BC849
BC850
Spice parameter data is available upon request for this device



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com