Electronic Components Datasheet Search
  English  ▼

X  

CMX017 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # CMX017
Description  UHF FM/FSK Transmitter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CMX017 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button CMX017 Datasheet HTML 4Page - List of Unclassifed Manufacturers CMX017 Datasheet HTML 5Page - List of Unclassifed Manufacturers CMX017 Datasheet HTML 6Page - List of Unclassifed Manufacturers CMX017 Datasheet HTML 7Page - List of Unclassifed Manufacturers CMX017 Datasheet HTML 8Page - List of Unclassifed Manufacturers CMX017 Datasheet HTML 9Page - List of Unclassifed Manufacturers CMX017 Datasheet HTML 10Page - List of Unclassifed Manufacturers CMX017 Datasheet HTML 11Page - List of Unclassifed Manufacturers CMX017 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
UHF FM/FSK Transmitter
11
CMX017 Advance Information
©1999 MX-COM, Inc.
www.mxcom.com Tel: 800 638 5577 336 744 5050 Fax: 336 744 5054
Doc. # 20480193.003
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies
Pin
Note
Min.
Typ.
Max.
Units
AC Parameters
Modulator, VCO Buffer and PA Driver
Output Power [GAIN (pin 2) at VCC]26
-
-4.0
-
dBm
Output Power [GAIN (pin 2) at 1.5V]
26
-
-9.0
-
dBm
Output Power [GAIN (pin 2) at 1.0V]
26
-
-14
-
dBm
Buffered VCO Output at OSCOUT pin
19
2
-
-10
-
dBm
Oscillator Second Harmonic Output
26
3
-
-25
-
dBc
Oscillator Third Harmonic Output
26
3
-
-35
-
dBc
Modulation Sensitivity
18
4
-
0.4
-
MHz/V
Maximum Deviation
26
5
-
1.5
-
MHz
Input Data Rate
18
-
-
TBD
kBits/S
Output VSWR (at maximum output power)
26
-
TBD
-
Power Amplifier
Power Gain
28, 9
-
22
-
dB
Power Gain (with external matching at VCC = 3.3V)
28, 9
-
24
-
dB
Maximum Power Gain Variation
28, 9
6
-
2.0
-
dB
Maximum Power Gain Variation (with matching)
28,9
6
-
1.5
-
dB
Input 1dB Compression Point
9
-
+1.0
-
dBm
Input 1dB Compression Point (with matching)
9
-
0
-
dBm
Reverse Isolation
9, 28
-
-35
-
dB
Output VSWR (at maximum output power)
9
-
TBD
-
dB
Notes:
1.
Total current from the external 3V power supply.
2.
Power measured into a 50
Ω load.
3.
With external matching.
4.
Stepped modulation voltage input from 1.0V to 2.0V.
5.
Stepped modulation voltage from 0V to 3.0V.
6.
Input Power = -15dBm to -1dBm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com