Electronic Components Datasheet Search
  English  ▼

X  

DG2591 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG2591
Description  Audio Jack Detector and Pop Noise Control Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2591 Datasheet(HTML) 4 Page - Vishay Siliconix

  DG2591 Datasheet HTML 1Page - Vishay Siliconix DG2591 Datasheet HTML 2Page - Vishay Siliconix DG2591 Datasheet HTML 3Page - Vishay Siliconix DG2591 Datasheet HTML 4Page - Vishay Siliconix DG2591 Datasheet HTML 5Page - Vishay Siliconix DG2591 Datasheet HTML 6Page - Vishay Siliconix DG2591 Datasheet HTML 7Page - Vishay Siliconix DG2591 Datasheet HTML 8Page - Vishay Siliconix DG2591 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
DG2591
www.vishay.com
Vishay Siliconix
S14-2036-Rev. B, 13-Oct-14
4
Document Number: 62887
For technical questions, contact: analogswitchtechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITION
LIMITS
UNLESS OTHERWISE SPECIFIED,
TA = -40 °C to 85 °C,
TYPICAL VALUES are at 25 °C
MIN.
TYP.
MAX.
UNIT
Quiescent Current
IQ
V+ = 1.8 V; L_Detect, GND_Detect are open
-
< 1
2
μA
Ear Jack In Current
IDETECT
V+ = 1.8 V; L_Detect, GND_Detect are connected
with 10 k
Ω to GND
--
5
L_Detect Reference
Voltage
1.33
1.4
1.47
V
L_Detect Reference
Voltage Hysteresis
GND_Detect = 0 V
-
20
-
mV
GND_Detect
Logic Low Voltage
V+ = 1.8 V
0.6
0.84
-
V
GND_Detect
Logic High Voltage
V+ = 1.8 V
-
-
1.1
MIC Switch
Resistance
RMIC
V+ = 1.8 V; IMIC = 10 mA
L_Detect, GND_Detect = Open
--
1
Ω
MIC Leakage
VMIC = 2.4 V
-1
-
1
μA
OUT Pull Up
Resistance
ROUTH
V+ = 1.8 V;
L_Detect, GND_Detect = Open
-
-
110
Ω
OUT Pull Down
Resistance
ROUTL
V+ = 1.8 V;
L_Detect, GND_Detect are connected with 10 k
Ω to
GND,
-
-
100
OUT High Logic
Voltage
VOUTH
V+ = 1.8 V; ROUT = 10 k
Ω
L_Detect, GND_Detect = Open
1.6
-
-
V
OUT Low Logic
Voltage
VOUTL
V+ = 1.8 V; ROUT = 10 k
Ω
L_Detect, GND_Detect are connected with 10 k
Ω to
GND,
--
0.3
MIC Rising
Propagation Delay
(insertion detection
time)
tMICR
From SW1 and SW2 ON, GND_Detect = 0 V, voltage
on L_Detect drops to 0.9 V, to the time when MIC
rises to 1.2 V and OUT falls below 0.3 V
(refer to circuit below, R3 = 10K, C1 = 5 pF, MIC
biased at 2.4 V via a 2.2K resistor)
-1.5
2
μs
MIC Falling
Propagation Delay
(removal detection
time)
tMICF
From SW1 and SW2 ON, GND_Detect = 0 V, voltage
on L_Detect rises to 0.9 V, to the time when MIC
drops to 1.2 V and OUT rises above 0.3 V
(refer to circuit below, R3 = 10K, C1 = 5 pF, MIC
biased at 2.4 V via a 2.2K resistor)
-
350
500
ns
OUT Falling
Propagation Delay
tOUTF
From SW1 and SW2 ON, GND_Detect = 0 V, voltage
on L_Detect drops to 0.9 V, to the time when MIC
rises to 1.2 V and OUT falls below 0.3 V
(refer to circuit below, R3 = 10K, C1 = 5 pF, MIC
biased at 2.4 V via a 2.2K resistor)
-1.4
2
μs
OUT Rising
Propagation Delay
tOUTR
From SW1 and SW2 ON, GND_Detect = 0 V, voltage
on L_Detect rises to 0.9 V, to the time when MIC
drops to 1.2 V and OUT rises above 0.3 V
(refer to circuit below, R3 = 10K, C1 = 5 pF, MIC
biased at 2.4 V via a 2.2K resistor)
-
350
500
ns
GND_Detect
Capacitance
CGD
--
5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com