Electronic Components Datasheet Search
  English  ▼

X  

PR8111 Datasheet(PDF) 3 Page - ASM GmbH

Part # PR8111
Description  PEN RECORDER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PR8111 Datasheet(HTML) 3 Page - ASM GmbH

  PR8111 Datasheet HTML 1Page - ASM GmbH PR8111 Datasheet HTML 2Page - ASM GmbH PR8111 Datasheet HTML 3Page - ASM GmbH PR8111 Datasheet HTML 4Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
PR8111/PR8112 Features
Recording hardware
Compact and lightweight
Easily portable for
outstanding mobility
Dark gray color so
dirt doesn’t stand out
Simple operation
Intuitive knobs and switches
Easy-to-understand operation:
Each knob or switch controls
a single function.
No need to worry about how
to operate the instrument.
PR8111
1 pen
PR8112
2 pens
Pictured: PR8112
(2-pen model)
The days of big, heavy pen recorders are over.
Introducing a compact, lightweight instrument that’s designed for simple ease of use.
Support for Johnson,
banana, and crimp-type
terminals
Check waveforms and make
notes in the field.
Recording paper can be
stored as-is for extended
periods of time.
Channel 2 POWER switch (rear)
Allows you to turn off power to channel 2 (pen 2) to save
energy when performing measurements with just one
channel. Available on the PR8112 (2-pen model) only.
Applications
Record analog output from temperature/
humidity, pH, and other environmental
measuring instruments, insulation
testers, and sensors
Print example (Actual size)
Record output from
measuring instruments
Front cover (standard)
Protects the recording hardware from wind and dust (removable).
Inputs
(rear)
Power supply LED
Provides a color-based
indication of remaining
battery life.
Green: Ample remaining
battery life
Orange: Limited remaining
battery life
Red: Replace batteries.
Recording paper width:
150 mm
(Can use paper designed for
use with previous models.)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com