Electronic Components Datasheet Search
  English  ▼

X  

M54977 Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # M54977
Description  Bi-CMOS 12-BIT SERIAL-INPUT LATCHED DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M54977 Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  M54977 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M54977 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M54977 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M54977 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M54977 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M54977 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Bi-CMOS 12-BIT SERIAL-INPUT LATCHED DRIVER
M54977P
MITSUBISHI <CONTROL / DRIVER IC>
tf(T)
Clock pulse fall time
Limits
Min.
Typ.
Max.
Symbol
Test conditions
Unit
Parameter
SWITCHING CHARACTERISTICS (Ta=25
°C, VCC=5V, unless otherwise noted)
tPLH
tPHL
tPLH
tPHL
tPLH
tPHL
Low-to-high-level output propagation time, From input T to output S-OUT
(0.15)
0.3
µs
TIMING CHART
Limits
Min.
Typ.
Max.
Symbol
Test conditions
Unit
Parameter
TIMING REQUIREMENTS (Ta=-20 to 75
°C, unless otherwise noted)
f(T)
tw(T)
tw(L)
tsu
th
td(T-L)
tr(T)
Clock frequency
Clock pulse width
Latch pulse width
Data setup time
Data hold time
Clock-latch time
Clock pulse rise time
Input duty cycle: 40 – 60%
200
200
100
100
400
2
500
500
MHz
ns
ns
ns
ns
ns
ns
ns
High-to-low-level output propagation time, From input T to output S-OUT
Low-to-high-level output propagation time, From input T to output ON
High-to-low-level output propagation time, From input T to output ON
Low-to-high-level output propagation time, From input EN to output ON
High-to-low-level output propagation time, From input EN to output ON
VIH=5V
VIL=0V
RL(S-OUT)=
∞
RL(ON)=100
Ω
(N=1–12)
CL=15pF
(0.15)
(2)
(0.5)
(2)
(0.5)
0.3
10
2
10
2
µs
µs
µs
µs
µs
TIMING CHART
tsu
2.5V
th
tw(T)
tr(T)
S-IN
T
LATCH
2.5V
2.5V
2.5V
90%
10%
td(T-L)
tw(L)
2.5V
2.5V
tf(T)
90%
10%
Serial input
Clock
Latch input
2.5V
tPLH
2.5V
S-OUT
T
2.5V
tPHL
2.5V
2.5V
2.5V
2.5V
2.5V
2.5V
tPLH
2.5V
tPLH
tPHL
EN
ON
tPHL
Serial output
Clock
Enable input
Output



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com