Electronic Components Datasheet Search
  English  ▼

X  

SiC464 Datasheet(PDF) 13 Page - Vishay Siliconix

Part # SiC464
Description  4.5 V to 60 V Input, 2 A, 4 A, 6 A, 10 A Synchronous Buck Regulators
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SiC464 Datasheet(HTML) 13 Page - Vishay Siliconix

Back Button SiC464 Datasheet HTML 9Page - Vishay Siliconix SiC464 Datasheet HTML 10Page - Vishay Siliconix SiC464 Datasheet HTML 11Page - Vishay Siliconix SiC464 Datasheet HTML 12Page - Vishay Siliconix SiC464 Datasheet HTML 13Page - Vishay Siliconix SiC464 Datasheet HTML 14Page - Vishay Siliconix SiC464 Datasheet HTML 15Page - Vishay Siliconix SiC464 Datasheet HTML 16Page - Vishay Siliconix SiC464 Datasheet HTML 17Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
SiC461, SiC462, SiC463, SiC464
www.vishay.com
Vishay Siliconix
S18-0393-Rev. K, 16-Apr-18
13
Document Number: 65124
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ELECTRICAL CHARACTERISTICS (VIN = 48 V, VOUT = 5 V, fsw = 300 kHz, SiC461 (10 A), unless otherwise noted)
Fig. 11 - SiC461 Efficiency vs. Output Current,
VOUT = 5 V
Fig. 12 - SiC461 Efficiency vs. Output Current,
VOUT = 12 V
Fig. 13 - SiC461 Load Current vs. Case Temperature,
VIN = 48 V, VOUT = 5 V
Fig. 14 - SiC461 Efficiency vs. Output Current - Light Load,
VOUT = 5 V
Fig. 15 - SiC461 Efficiency vs. Output Current - Light Load,
VOUT = 12 V
Fig. 16 - SiC461 Load Current vs. Case Temperature,
VIN = 48 V, VOUT = 12 V
76
79
82
85
88
91
94
97
100
0123456789
10
Output Current, I
OUT (A)
Complete converter efficiency
P
IN = [(VIN x IIN) + 5 V x (IVDRV + IVCIN)]
P
OUT = VOUT x IOUT, measured at output capacitor
Complete converter efficiency
P
IN = [(VIN x IIN) + (V
CIN x ICIN)]
P
OUT = VOUT x IOUT, measured at output capacitor
VIN = 48 V, L = 4.7 μH
VIN = 24 V, L = 4.7 μH
VIN = 36 V, L = 4.7 μH
VIN = 12 V, L = 3.3 μH
76
79
82
85
88
91
94
97
100
0123456789
10
Output Current, I
OUT (A)
Complete converter efficiency
P
IN = [(VIN x IIN) + 5 V x (IVDRV + IVCIN)]
P
OUT = VOUT x IOUT, measured at output capacitor
Complete converter efficiency
P
IN = [(VIN x IIN) + (V
CIN x ICIN)]
P
OUT = VOUT x IOUT, measured at output capacitor
VIN = 48 V, L = 10 μH
VIN = 24 V, L = 6.8 μH
V
IN = 36 V, L = 8.2 μH
20
30
40
50
60
70
80
90
100
0123456789
10
Output Current (A)
68
72
76
80
84
88
92
96
100
0.01
0.1
1
Output Current, I
OUT (A)
Complete converter efficiency
P
IN = [(VIN x IIN) + 5 V x (IVDRV + IVCIN)]
P
OUT = VOUT x IOUT, measured at output capacitor
Complete converter efficiency
P
IN = [(VIN x IIN) + (V
CIN x ICIN)]
P
OUT = VOUT x IOUT, measured at output capacitor
VIN = 48 V, L = 4.7 μH
VIN = 24 V, L = 4.7 μH
VIN = 36 V, L = 4.7 μH
VIN = 12 V, L = 3.3 μH
76
79
82
85
88
91
94
97
100
0.01
0.1
1
Output Current, I
OUT (A)
Complete converter efficiency
P
IN = [(VIN x IIN) + 5 V x (IVDRV + IVCIN)]
P
OUT = VOUT x IOUT, measured at output capacitor
Complete converter efficiency
P
IN = [(VIN x IIN) + (V
CIN x ICIN)]
P
OUT = VOUT x IOUT, measured at output capacitor
VIN = 48 V, L = 10 μH
VIN = 24 V, L = 6.8 μH
VIN = 36 V, L = 8.2 μH
20
30
40
50
60
70
80
90
100
0123456789
10
Output Current (A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com