Electronic Components Datasheet Search
  English  ▼

X  

IXTP05N100M Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTP05N100M
Description  N-Channel Enhancement Mode Avalanche Rated
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP05N100M Datasheet(HTML) 1 Page - IXYS Corporation

  IXTP05N100M Datasheet HTML 1Page - IXYS Corporation IXTP05N100M Datasheet HTML 2Page - IXYS Corporation IXTP05N100M Datasheet HTML 3Page - IXYS Corporation IXTP05N100M Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2008 IXYS CORPORATION, All rights reserved
DS100014A(08/08)
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = 250μA
1000
V
V
GS(th)
V
DS = VGS, ID = 25μA
2.5
4.5 V
I
GSS
V
GS = ±30V, VDS = 0V
±100 nA
I
DSS
V
DS = VDSS
25 μA
V
GS = 0V
T
J = 125°C
500
μA
R
DS(on)
V
GS = 10V, ID = 375mA, Note 1
15
17
Ω
High Voltage MOSFET
(Electrically Isolated Tab)
N-Channel Enhancement Mode
Avalanche Rated
IXTP05N100M
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25°C to 150°C
1000
V
V
DGR
T
J
= 25°C to 150°C, R
GS = 1 MΩ
1000
V
V
GSS
Continuous
± 30
V
V
GSM
Transient
± 40
V
I
D25
T
C = 25°C
700
mA
I
DM
T
C = 25°C, pulse width limited by TJM
3
A
I
A
T
C = 25°C
1
A
E
AS
T
C = 25°C
100
mJ
dv/dt
I
S
≤ I
DM, VDD ≤ VDSS, TJ =150°C
3
V/ns
P
D
T
C = 25°C
25
W
T
J
- 55 ... +150
°C
T
JM
150
°C
T
stg
- 55 ... +150
°C
T
L
1.6 mm (0.062 in.) from case for 10 s
300
°C
T
SOLD
Plastic body for 10 s
260
°C
M
d
Mounting torque
1.13/10
Nm/lb.in.
Weight
2.5
g
G = Gate
D = Drain
S = Source
Features
Plastic overmolded tab for electrical
isolation
International standard package
Avalanche rated
Low package inductance
- easy to drive and to protect
Advantages
Easy to mount
Space savings
High power density
OVERMOLDED TO-220
(I
XTP...M) OUTLINE
G
D S
Isolated Tab
V
DSS
= 1000V
I
D25
= 700mA
R
DS(on) ≤
≤≤≤≤ 17
Ω
Ω
Ω
Ω
Ω


Similar Part No. - IXTP05N100M

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXTP05N100M ISC-IXTP05N100M Datasheet
293Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - IXTP05N100M

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTA180N10T IXYS-IXTA180N10T Datasheet
160Kb / 2P
N-Channel Enhancement Mode Avalanche Rated
IXTP08N100P IXYS-IXTP08N100P Datasheet
158Kb / 4P
N-Channel Enhancement Mode Avalanche Rated
IXTH30N50P IXYS-IXTH30N50P Datasheet
352Kb / 5P
N-Channel Enhancement Mode Avalanche Rated
IXTP2N100P IXYS-IXTP2N100P Datasheet
153Kb / 4P
N-Channel Enhancement Mode Avalanche Rated
IXTU1R4N60P IXYS-IXTU1R4N60P Datasheet
157Kb / 4P
N-Channel Enhancement Mode Avalanche Rated
IXFA90N20X3 IXYS-IXFA90N20X3 Datasheet
242Kb / 6P
N-Channel Enhancement Mode Avalanche Rated
IXFN220N20X3 IXYS-IXFN220N20X3 Datasheet
153Kb / 5P
N-Channel Enhancement Mode Avalanche Rated
IXFT120N30X3HV IXYS-IXFT120N30X3HV Datasheet
257Kb / 6P
N-Channel Enhancement Mode Avalanche Rated
MMIX1T132N50P3 IXYS-MMIX1T132N50P3 Datasheet
273Kb / 7P
N-Channel Enhancement Mode Avalanche Rated
IXFA60N25X3 IXYS-IXFA60N25X3 Datasheet
272Kb / 6P
N-Channel Enhancement Mode Avalanche Rated Avalanche Rated
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com