Electronic Components Datasheet Search
  English  ▼

X  

RBAT1 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # RBAT1
Description  1 Watt DC/DC Converter Single Output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

RBAT1 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  RBAT1 Datasheet HTML 1Page - Wall Industries,Inc. RBAT1 Datasheet HTML 2Page - Wall Industries,Inc. RBAT1 Datasheet HTML 3Page - Wall Industries,Inc. RBAT1 Datasheet HTML 4Page - Wall Industries,Inc. RBAT1 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rev A
RBAT1 SERIES
1 Watt
DC/DC Converter
Single Output
12/15/2017
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 5
SPECIFICATIONS
All specifications are based on 25°C, Humidity <75%RH, Nominal Input Voltage, and Rated Output Load unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
PROTECTION
Short Circuit Protection
Continuous, Self-Recovery
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
Derating if the temperature
≥85ºC
-40
105
ºC
Storage Temperature
-55
125
ºC
Case Temperature Rise
Ta=25ºC
3.3VDC Output
25
ºC
Other Outputs
15
Storage Humidity
Non-Condensing
95
%RH
Pin Welding Resistance Temperature
Welding spot is 1.5mm away from the casing, 10 seconds
300
ºC
Cooling Method
Free Air Convection
MTBF
MIL-HDBK-217F@25ºC
3500
kHours
GENERAL SPECIFICATIONS
Efficiency
@Full Load
See Table
Switching Frequency
100% Load, Nominal Input Voltage
270
KHz
Insulation Voltage
Input-Output, with test time of 1 minute & leak current lower than 1mA
1500
VDC
Input-Output, with test time of 1 second & leak current lower than 1mA
3000
Insulation Resistance
Input-Output, Insulation Voltage 500VDC
1000
M
Ω
Isolation Capacitance
Input-Output, 100KHz/0.1V
20
pF
PHYSICAL SPECIFICATIONS
Weight
0.046oz (1.3g)
Dimensions (L x W x H)
0.46in x 0.24in x 0.4in
(11.60mm x 6mm x 10.16mm)
Case Material
Black Flame-Retardant and Heat-
Resistance Plastic (UL94 V-0)
SAFETY CHARACTERISTICS
Safety (Pending)
UL62368, EN62368
EMI
CE
CISPR32/EN55032
Class B(2)
RE
CISPR32/EN55032
Class B(2)
EMS
ESD
IEC/EN61000-4-2
Air ±8kV, Contact ±6KV
Perf. Criteria B
NOTES
1.
Ripple and noise tested with “parallel cable” method.
2.
See Design Reference: EMC Solution for recommended circuit.
3.
If product is not operated within required load range, the product’s performance cannot be guaranteed to comply with all parameters in data sheet.
4.
Customization service is available, please contact factory.
*Due to advances in technology, specifications subject to change without notice.
TOLERANCE ENVELOPE CURVES
3.3VDC Output
Other Outputs



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com