Electronic Components Datasheet Search
  English  ▼

X  

POL30 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # POL30
Description  Up to 30A DC/DC Non-Isolated Open Frame Converter Single Output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

POL30 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  POL30 Datasheet HTML 1Page - Wall Industries,Inc. POL30 Datasheet HTML 2Page - Wall Industries,Inc. POL30 Datasheet HTML 3Page - Wall Industries,Inc. POL30 Datasheet HTML 4Page - Wall Industries,Inc. POL30 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev C
POL30 SERIES
Up to 30A
DC/DC Non-Isolated Open Frame Converter
Single Output
1/9/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 5
SMD Package
SIP Package
Size: 1.30in x 0.53in x 0.31~0.37in
Size: 2.00in x 0.50in x 0.37~0.31in
OPTIONS
FEATURES
• SMD or SIP Package
• Remote ON/OFF Positive or
Negative Logic
• Current Share
• Extra GND Pins (only for SMD
package)
• Long Pins (only for SIP Type)
• High Efficiency up to 93%
• No Minimum Load Required
• Small Size and Low Profile
• SMD Package Qualified for Lead Free Reflow
Solder Process According IPC J-STD-020D
• Monotonic Start-Up Into Pre-Biased Output
• Output Voltage Sequencing
• Tracking
• Parallel Operation with Active Current Sharing
• CE Marked
• Compliant to RoHS II & REACH
• Current Share
• Over Load, Short Circuit, and Over
Temperature Protection
• UL60950-1, EN60950-1, and IEC60950-1
Safety Approvals
APPLICATIONS
DESCRIPTION
• Wireless Network
• Telecom/Datacom
• Industry Control System
• Distributed Power Architectures
• Semiconductor Equipment
• Microprocessor Power Applications
The POL30 series of DC/DC non-isolated open frame converters offers up to 30A output current in a
compact and low profile package. This series consists of single output models and input voltage ranges
of 4.5~5.5VDC and 6~14VDC. Several different options are available for this series including SMD or
SIP package, positive or negative logic, current share, and different pin options. Each model in this
series is CE marked, compliant to RoHS II, and is protected against over load, short circuit and over
temperature conditions. This series has UL60950-1, EN60950-1, and IEC60950-1 safety approvals.
MODEL SELECTION TABLE
Model
Number
Input Voltage Range
Output Voltage
Output
Current
No Load Input Current
Vin(nom), 3.3VDC
Package
Type
Maximum Capacitive Load(1)
ESR
≥1mΩ/ESR≥10mΩ
Efficiency
Vin(nom), 3.3VDC
@Full Load
POLS30-05T
4.5~5.5VDC
Vin(min.)=Vout(set)+1.5
0.8~3.63VDC
30A
180mA
SMD
2000/10000µF
93%
POLT30-05T
SIP
POLS30-12T
6~14VDC
Vin(min.)=Vout(set)+2.4
0.8
≤Vout≤2.75
2.75<Vout
≤3.63
30A
200mA
SMD
2000/10000µF
93%
20A
POLT30-12T
0.8
≤Vout≤2.75
2.75<Vout
≤3.63
30A
SIP
25A


Similar Part No. - POL30

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
POL30 WALL-POL30 Datasheet
309Kb / 5P
POL30 SERIES
More results

Similar Description - POL30

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
LDO03C ARTESYN-LDO03C Datasheet
833Kb / 21P
Single Output C Class Non-Isolated DC/DC Converter
logo
Mean Well Enterprises C...
NID30 MEANWELL-NID30 Datasheet
217Kb / 1P
12.5~30W DC-DC Non-isolated Single Output Converter
NID60 MEANWELL-NID60 Datasheet
254Kb / 1P
20 ~ 60W DC-DC Non-isolated Single Output Converter
logo
Rohm
BP5811 ROHM-BP5811_10 Datasheet
95Kb / 1P
Broad output DC/DC Converter(Non-isolated)
logo
Mean Well Enterprises C...
NID60 MEANWELL-NID60_09 Datasheet
254Kb / 1P
20 ~ 60W DC-DC Non-isolated Single Output Converter
NID30 MEANWELL-NID30_09 Datasheet
217Kb / 1P
12.5~30W DC-DC Non-isolated Single Output Converter
logo
Wall Industries,Inc.
DCDA1 WALL-DCDA1 Datasheet
282Kb / 3P
2A Non-Isolated DC/DC Converter Single Output
POL06-05T WALL-POL06-05T_18 Datasheet
359Kb / 5P
6A Output Current Rating DC/DC Open Frame Converter Single Output
POL06-12T WALL-POL06-12T_18 Datasheet
426Kb / 5P
6A Output Current Rating DC/DC Open Frame Converter Single Output
DCBC60 WALL-DCBC60 Datasheet
402Kb / 5P
Up to 60 Watts Isolated DC/DC Power Converter Single Output
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com