Electronic Components Datasheet Search
  English  ▼

X  

PS-501 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # PS-501
Description  SAW Oscillator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PS-501 Datasheet(HTML) 1 Page - Microsemi Corporation

  PS-501 Datasheet HTML 1Page - Microsemi Corporation PS-501 Datasheet HTML 2Page - Microsemi Corporation PS-501 Datasheet HTML 3Page - Microsemi Corporation PS-501 Datasheet HTML 4Page - Microsemi Corporation PS-501 Datasheet HTML 5Page - Microsemi Corporation PS-501 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PS-501
SAW Oscillator
The PS-501 SO (Saw Oscillator) from Vectron is a high frequency, ultra low phase noise oscillator. The PS-501 provides 10fs rms
jitter in a 12kHz to 20MHz integration bandwidth and is available from 0.6 to 3.0GHz.
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
•
Frequency Range 0.6 to 3.0 GHz
•
Ultra low jitter & phase noise performance
•
Typical Jitter: 10fsec rms, 12kHz to 20MHz
•
3.3 & 5V supply voltage
•
Output: Sinewave, balanced Sinewave, LVPECL
•
9x14 mm SMD package
•
See table on Page 5 for standard frequencies
•
High Speed ADCs
•
Test & Measurement
•
Military
Features
Applications
Description
PS-501
1 of 6
Performance Specifications
Frequency Stabilities
Parameter
Min
Typ
Max
Units
Notes
Over All Tolerance
±200
ppm
Includes df vs:
•Operating temperature range -40 .. 85°C
•Aging 10 years
•Supply Voltage Change 5%
•Load change 10%
•Initial
Supply Voltage (Vs)
Supply voltage (standard)
4.75
5.00
5.25
V DC
Current consumption
65
mA
Supply voltage (standard)
3.135
3.3
3.465
V DC
Current consumption
100
mA


Similar Part No. - PS-501

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
PS-501 VECTRON-PS-501 Datasheet
649Kb / 6P
SAW Oscillator
PS-501-0-D-C-E VECTRON-PS-501-0-D-C-E Datasheet
649Kb / 6P
SAW Oscillator
PS-501-0-D-C-X VECTRON-PS-501-0-D-C-X Datasheet
649Kb / 6P
SAW Oscillator
PS-501-0-D-E-E VECTRON-PS-501-0-D-E-E Datasheet
649Kb / 6P
SAW Oscillator
PS-501-0-D-E-X VECTRON-PS-501-0-D-E-X Datasheet
649Kb / 6P
SAW Oscillator
More results

Similar Description - PS-501

ManufacturerPart #DatasheetDescription
logo
Epson ToYoCom
EG-2101CA EPSONTOYOCOM-EG-2101CA Datasheet
219Kb / 2P
CRYSTAL OSCILLATOR LOW-JITTER SAW OSCILLATOR
logo
Advanced Crystal Techno...
ACTMPX11-6 ACT-ACTMPX11-6 Datasheet
163Kb / 3P
LVPECL Saw Oscillator
26/07/05
logo
Epson ToYoCom
XG-1000CA EPSONTOYOCOM-XG-1000CA Datasheet
446Kb / 2P
CRYSTAL OSCILLATOR LOW-JITTER SAW OSCILLATOR
logo
EPCOS
EG-2001CA125.0000M-PCHL3 EPCOS-EG-2001CA125.0000M-PCHL3 Datasheet
200Kb / 1P
CRYSTAL OSCILLATOR LOW-JITTER SAW OSCILLATOR
logo
Crystek Corporation
CCS575S CRYSTEKCRYSTAL-CCS575S Datasheet
139Kb / 2P
SAW Clock Oscillator
CCSO-014-1090 CRYSTEKCRYSTAL-CCSO-014-1090 Datasheet
130Kb / 2P
SAW Clock Oscillator
logo
CRYSTEK CORPORATION
CCSO-014-1090 CRYSTEKMICROWAVE-CCSO-014-1090 Datasheet
359Kb / 2P
SAW Clock Oscillator
logo
Vectron International, ...
PS-501 VECTRON-PS-501 Datasheet
649Kb / 6P
SAW Oscillator
PS-508 VECTRON-PS-508 Datasheet
771Kb / 6P
SAW Oscillator
PS-701 VECTRON-PS-701 Datasheet
649Kb / 6P
SAW Oscillator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com