Electronic Components Datasheet Search
  English  ▼

X  

MX-503 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # MX-503
Description  Microprocessor Controlled Crystal Oscillator High Precision
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MX-503 Datasheet(HTML) 1 Page - Microsemi Corporation

  MX-503 Datasheet HTML 1Page - Microsemi Corporation MX-503 Datasheet HTML 2Page - Microsemi Corporation MX-503 Datasheet HTML 3Page - Microsemi Corporation MX-503 Datasheet HTML 4Page - Microsemi Corporation MX-503 Datasheet HTML 5Page - Microsemi Corporation MX-503 Datasheet HTML 6Page - Microsemi Corporation MX-503 Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Vectron International • 267 Lowell Road, Suite 102, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Page 1
MX-503
Microprocessor Controlled Crystal Oscillator
High Precision
• Ultra High Stability MCXO
• Low Power Consumption
• Meets Stratum 3 acc. GR-1244
• ROHS 6 Compliant
• Frequency Range1: 8 - 50 MHz
• Standard Frequencies : 10, 12.8, 16.384, 19.2, 20, 22.1184,
•
24.576, 25, 38.4, 40 MHz
• Uses Vectron’s Ultra Smooth Compensation (USC)
Algorithm
• Excellent Phase Noise and Allan Deviation
• 1588 Application
• Test Equipment
• Femto Base Station
• Communication Equipment
Features
Applications
MX-503
Performance Specifications
Frequency Stabilities1,3 (Standard - 8 to 26 MHz)
Parameter
Min
Typical
Max
Units
Condition2
vs. operating temperature range
referenced to (dFmax+dFmin)/2
-30
-50
-20
-30
+30
+50
+20
+30
ppb
ppb
ppb
ppb
-40 to +85°C
-40 to +85°C
-20 to +70°C
-20 to +70°C
In a 24h period at constant
temperature
-5
+5
ppb
after 7 days of continous operation
Frequency vs. temperature slope
±1.0
±1.5
ppb/°C
ppb/°C
-30 to +80°C, 10 & 20MHz
-40 to +85°C, 10 & 20MHz
Initial tolerance
vs. supply voltage change
vs. load change
vs. aging / 1. year
vs. aging / 10 years
-0.5
-10
-10
-0.8
-2.5
+0.5
+10
+10
+0.8
+2.5
ppm
ppb
ppb
ppm
ppm
V
S ±5% static
Load ±10% static
after 30 days of operation
after 30 days of operation


Similar Part No. - MX-503

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
MX-503 VECTRON-MX-503 Datasheet
1Mb / 7P
Microprocessor Controlled Crystal Oscillator High Precision
More results

Similar Description - MX-503

ManufacturerPart #DatasheetDescription
logo
Vanlong Technology Co.,...
PO322 VANLONG-PO322 Datasheet
45Kb / 1P
High Precision Crystal Oscillator
logo
Vectron International, ...
TX-402 VECTRON-TX-402 Datasheet
143Kb / 4P
Temperature Compensated Crystal Oscillator High Precision
logo
NIHON DEMPA KOGYO
NV7050SG NDK-NV7050SG Datasheet
617Kb / 2P
Crystal Oscillator Voltage-Controlled Crystal Oscillator (VCXO)
logo
Vanlong Technology Co.,...
PO322 VANLONG-PO322_13 Datasheet
51Kb / 1P
High Precision Crystal Oscillator
logo
EUROQUARTZ limited
CXOMK EUROQUARTZ-CXOMK Datasheet
218Kb / 2P
High Precision Crystal Oscillator
logo
Vectron International, ...
MX-503 VECTRON-MX-503 Datasheet
1Mb / 7P
Microprocessor Controlled Crystal Oscillator High Precision
logo
NIHON DEMPA KOGYO
NZ2520SEA NDK-NZ2520SEA Datasheet
809Kb / 2P
High-precision Crystal Clock Oscillator
logo
Microsemi Corporation
MX-600 MICROSEMI-MX-600 Datasheet
1Mb / 7P
Microprocessor Controlled Crystal Oscillator High Precision
MX-505 MICROSEMI-MX-505 Datasheet
1Mb / 7P
Microprocessor Controlled Crystal Oscillator High Precision
logo
NIHON DEMPA KOGYO
NZ2520SEA NDK-NZ2520SEA_18 Datasheet
901Kb / 2P
High-precision Crystal Clock Oscillator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com