Electronic Components Datasheet Search
  English  ▼

X  

SIP32104 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SIP32104
Description  6.5 m, Bidirectional Battery Switch in Compact WCSP
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32104 Datasheet(HTML) 1 Page - Vishay Siliconix

  SIP32104 Datasheet HTML 1Page - Vishay Siliconix SIP32104 Datasheet HTML 2Page - Vishay Siliconix SIP32104 Datasheet HTML 3Page - Vishay Siliconix SIP32104 Datasheet HTML 4Page - Vishay Siliconix SIP32104 Datasheet HTML 5Page - Vishay Siliconix SIP32104 Datasheet HTML 6Page - Vishay Siliconix SIP32104 Datasheet HTML 7Page - Vishay Siliconix SIP32104 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SiP32104
www.vishay.com
Vishay Siliconix
S17-0469-Rev. B, 03-Apr-17
1
Document Number: 78609
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
6.5 m
, Bidirectional Battery Switch in Compact WCSP
DESCRIPTION
The SiP32104 bidirectional switch feature reverse blocking
capability to isolate the battery from the system. The internal
switch has an ultra low 6.5 m
 (typ. at 3.3 V) on-resistance
and operates from a +2.3 V to +5.5 V input voltage range,
making the devices ideal battery-disconnect switches for
high capacity battery applications.
The SiP32104 has slew rate control, making it ideal in large
load capacitor as well as high current load switching
applications. The device is also highly efficient, consuming
only 110 nA (typ.) current in shutdown and while operating.
The SiP32104 has an active low enable. It can interface
directly with a low voltage control signal.
The SiP32104 is available in an ultra compact 12-bump,
1.3 mm x 1.7 mm, 0.4 mm pitch WCSP package with top
side lamination. The device operates over the temperature
of -40 °C to +85 °C.
FEATURES
• Bidirectional on and off
• 7 A continuous current capability
• Ultra-low Ron, 6.5 m (typ.) at 3.3 V
• Wide input voltage, 2.3 V to 5.5 V
• Slew rate controlled turn on
• Low quiescent current: 110 nA
• Compact 12-bump, 1.3 mm x 1.7 mm x 0.55 mm
WCSP package
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Smartphones and tablets
• Digital still / video cameras
• Portable meters and test instruments
• Communication devices with embedded batteries
• Portable medical and healthcare systems
• Data storage
• Battery bank
TYPICAL APPLICATION CIRCUIT
Fig. 1 - Typical Application Circuit
Note
• GE1 denotes halogen-free and RoHS-compliant
MARKING
ORDERING INFORMATION
PART NUMBER
MARKING
ENABLE
ENABLE PULL RESISTOR
PACKAGE
TEMPERATURE
SiP32104DB-T1-GE1
32104A
Low
No pull
12-bump, 1.3 mm x 1.7 mm,
0.4 mm pitch
WCSP package
-40 °C to +85 °C
SiP32104EVB
-
-
-
Evaluation board
-
Port A
Port B
To battery pack
System power input
Charger output
System charging block
Charging
control
and
regulator
System connector
power input
Slew rate gate
drive logic
level shift
GND
EN
12
3
4
A
B
C
FYWL
32104A


Similar Part No. - SIP32104

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP32101 VISHAY-SIP32101 Datasheet
180Kb / 9P
6.5 mΩ, Bi-Directional Battery Switch in Compact WCSP
30-Mar-15
SIP32101 VISHAY-SIP32101 Datasheet
179Kb / 9P
6.5 mΩ, Bi-Directional Battery Switch in Compact WCSP
30-Mar-15
SIP32101 VISHAY-SIP32101 Datasheet
683Kb / 7P
Evaluation Board Manual
13-Mar-14
SiP32101DB-T1-GE1 VISHAY-SiP32101DB-T1-GE1 Datasheet
180Kb / 9P
6.5 mΩ, Bi-Directional Battery Switch in Compact WCSP
30-Mar-15
SIP32101DB-T1-GE1 VISHAY-SIP32101DB-T1-GE1 Datasheet
179Kb / 9P
6.5 mΩ, Bi-Directional Battery Switch in Compact WCSP
30-Mar-15
More results

Similar Description - SIP32104

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14634 MAXIM-MAX14634 Datasheet
1Mb / 8P
Ultra-Low On-Resistance and Compact Bidirectional Battery Switch
Rev 0; 6/12
MAX14634 MAXIM-MAX14634_13 Datasheet
1Mb / 7P
Ultra-Low On-Resistance and Compact Bidirectional Battery Switch
Rev 1; 1/13
logo
Vishay Siliconix
SIP32460 VISHAY-SIP32460 Datasheet
495Kb / 16P
50 m, Slew Rate Controlled Load Switch in WCSP
03-Jun-13
SIP32101 VISHAY-SIP32101 Datasheet
180Kb / 9P
6.5 mΩ, Bi-Directional Battery Switch in Compact WCSP
30-Mar-15
SIP32467 VISHAY-SIP32467 Datasheet
503Kb / 13P
50 mΩ, Slew Rate Controlled Load Switch in WCSP
28-Apr-14
SIP32461 VISHAY-SIP32461 Datasheet
608Kb / 14P
50 mΩ, Slew Rate Controlled Load Switch in WCSP
28-Apr-14
logo
Maxim Integrated Produc...
MAX14634 MAXIM-MAX14634_V01 Datasheet
1Mb / 7P
Ultra-Low On-Resistance and Compact Bidirectional Battery Switches
2013
logo
Vishay Siliconix
SIP32467 VISHAY-SIP32467_V01 Datasheet
522Kb / 13P
50 mΩ, Slew Rate Controlled Load Switch in WCSP
06-Jul-2020
SIP32101 VISHAY-SIP32101_V01 Datasheet
179Kb / 9P
6.5 mΩ, Bi-Directional Battery Switch in Compact WCSP
30-Mar-15
SIP32462 VISHAY-SIP32462 Datasheet
632Kb / 15P
50 mΩ, Slew Rate Controlled Load Switch in WCSP
06-Jul-2020
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com