Electronic Components Datasheet Search
  English  ▼

X  

SIP32429 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SIP32429
Description  28 V, 56 m, Load Switch with Programmable Current Limit and Slew Rate Control
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32429 Datasheet(HTML) 3 Page - Vishay Siliconix

  SIP32429 Datasheet HTML 1Page - Vishay Siliconix SIP32429 Datasheet HTML 2Page - Vishay Siliconix SIP32429 Datasheet HTML 3Page - Vishay Siliconix SIP32429 Datasheet HTML 4Page - Vishay Siliconix SIP32429 Datasheet HTML 5Page - Vishay Siliconix SIP32429 Datasheet HTML 6Page - Vishay Siliconix SIP32429 Datasheet HTML 7Page - Vishay Siliconix SIP32429 Datasheet HTML 8Page - Vishay Siliconix SIP32429 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
SiP32419, SiP32429
www.vishay.com
Vishay Siliconix
S16-2135-Rev. E, 24-Oct-16
3
Document Number: 63939
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS UNLESS
SPECIFIED
VIN = 12 V, VEN = 2.4 V, TA = 25 °C
TEMP.
MIN.
TYP.
MAX.
UNIT
Power Input Voltage
VIN
-6
-
28
V
Quiescent Current
IQ
IOUT = 0 A, and device enabled
-
-
170
300
μA
Shutdown Current
ISD
IOUT = 0 A, and device disabled
-
-
12
20
Switch OFF Leakage
I(OFF)
VIN = 28 V, VOUT = 0 V
(current measured at output)
--
-
1
Current Limit Accuracy
RSET = 4.1 k
-40 °C
to +85 °C
1.2
1.5
1.8
A
Switch ON Resistance
RDS(on)
ISW = 500 mA
-
-
56
72
m
Soft Start Charge Current
ISS
Constant current source
-
-
4.5
-
μA
Turn ON Delay Time
TON_DLY
50 % VEN to 50 % VOUT, CSS = open,
RL = 10 , COUT = 10 μF
-
-
550
-
μs
Turn ON Rise Time
TR
CSS = open, RL = 10 ,
COUT = 10 μF
-
-
400
-
CSS = 47 nF, RL = 10 ,
COUT = 10 μF
--
7
-
ms
CSS = 47 nF, no RL,
COUT = 10 μF
--
2
-
Turn OFF Delay
TOFF_DLY
--
1
-
μs
Current Limit Response Time
-
-
20
-
Short Circuit Response Time
-
-
1
-
OC Flag Blanking Time /
Switch OFF delay under OC
-40 °C
to +85 °C
4-
-
ms
Auto re-try time (SiP32429 only)
-
-
150
-
Input Logic High Voltage
VENH
VIN = 6 V to 28 V
-40 °C
to +85 °C
1.5
-
-
V
Input Logic Low Voltage
VENL
-40 °C
to +85 °C
--
0.6
Input Pull Down Resistor
REN
VEN = 5 V
-
-
2.5
-
M
Power Good Trip Voltage
-
-
90 % x VIN
-
V
Power Good Hysteresis
-
-
3 % x VIN
-
PG and FLG Output Logic Low
Voltage
ISINK = 1 mA
-
-
< 0.1
-
PG and FLG Output High Leakage
VPG, VFLG = 28 V
-
-
-
1
μA
UVLO Threshold
--
4.8
5.4
V
UVLO Hysteresis
--
0.28
-
Thermal Shut-down Threshold
-
-
137
-
°C
Thermal Shut-down Hysteresis
-
-
39
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com