Electronic Components Datasheet Search
  English  ▼

X  

SIP32441 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SIP32441
Description  3 A, Fault Protected, Slew Rate Controlled Load Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32441 Datasheet(HTML) 3 Page - Vishay Siliconix

  SIP32441 Datasheet HTML 1Page - Vishay Siliconix SIP32441 Datasheet HTML 2Page - Vishay Siliconix SIP32441 Datasheet HTML 3Page - Vishay Siliconix SIP32441 Datasheet HTML 4Page - Vishay Siliconix SIP32441 Datasheet HTML 5Page - Vishay Siliconix SIP32441 Datasheet HTML 6Page - Vishay Siliconix SIP32441 Datasheet HTML 7Page - Vishay Siliconix SIP32441 Datasheet HTML 8Page - Vishay Siliconix SIP32441 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
SiP32441
www.vishay.com
Vishay Siliconix
S15-1921-Rev. A, 17-Aug-15
3
Document Number: 65763
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
a. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum.
b. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
c. For VIN outside this range consult typical EN threshold curve.
d. Not tested, guarantee by design.
SPECIFICATIONS
Parameter
Symbol
Test Conditions Unless Specified
VIN = 1.8 V to 5 V, TA = -40 °C to +85 °C
(typical values are at TA = 25 °C)
Limits
-40 °C to +85 °C
Unit
Min. a
Typ. b
Max. a
Operating Voltage
VIN
1.8
-
5.5
V
Negative Input Voltage Tolerance
INEG
VIN = -2 V
--15
-
mA
Under Voltage Lock Out
UVLOH-L
EN = open, 25 °C (switch On to Off)
-
-
2
V
UVLOL-H
EN = open, 25 °C (switch Off to On)
2.5
2.3
-
UVLO Hysteresis
UVLOHYS
EN = open, 25 °C
-
0.25
-
Quiescent Current
IQ
VIN = 1.8 V, EN = active
-38
50
μA
VIN = 2.5 V
-58
70 d
VIN = 3.6 V
-82
100 d
VIN = 4.3 V
-
101
120 d
VIN = 5 V
-
119
150
Off Supply Current
IQ(off)
VIN = 2 V, VEN = 0 V, OUT = open
-6.3
10
Off Switch Current
IDS(off)
VIN = 2 V, VEN = 0 V, VOUT = 0 V
--
1
Reverse Blocking Current
IRB
VOUT = 5 V, VIN = 0 V, VEN = 0 V or open
--
10
On-Resistance
RDS(on)
VIN = 1.8 V, IL = 500 mA, TA = 25 °C
-38
43
m
Ω
VIN = 2.5 V, IL = 500 mA, TA = 25 °C
-38
43
VIN = 3.6 V, IL = 500 mA, TA = 25 °C
-38
43
VIN = 4.3 V, IL = 500 mA, TA = 25 °C
-38
43
VIN = 5 V, IL = 500 mA, TA = 25 °C
-38
43
Input Logic Low c
VIL
VIN = 1.8 V
--
0.5
V
VIN = 2.5 V
--
0.7 d
VIN = 3.6 V
--
1.1 d
VIN = 4.3 V
--
1.3 d
VIN = 5 V
--
1.5 d
Input Logic High c
VIH
VIN = 1.8 V
1.3
-
-
VIN = 2.5 V
1.6 d
--
VIN = 3.6 V
1.9 d
--
VIN = 4.3 V
2.1 d
--
VIN = 5 V
2.4 d
--
Enable Pin Bias Current
IEN
VEN = 5 V
-5.4
7
μA
Output Turn-On Delay Time
td(on)
VIN = 3.6 V, Rload = 10
Ω,
CL = 0.1 μF, TA = 25 °C
-1.3
-
ms
Output Turn-On Rise Time
t(on)
-1.8
2.5
Output Turn-Off Delay Time
td(off)
-
0.0002
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com