Electronic Components Datasheet Search
  English  ▼

X  

SIP32461 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # SIP32461
Description  50 mΩ, Slew Rate Controlled Load Switch in WCSP
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32461 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button SIP32461 Datasheet HTML 2Page - Vishay Siliconix SIP32461 Datasheet HTML 3Page - Vishay Siliconix SIP32461 Datasheet HTML 4Page - Vishay Siliconix SIP32461 Datasheet HTML 5Page - Vishay Siliconix SIP32461 Datasheet HTML 6Page - Vishay Siliconix SIP32461 Datasheet HTML 7Page - Vishay Siliconix SIP32461 Datasheet HTML 8Page - Vishay Siliconix SIP32461 Datasheet HTML 9Page - Vishay Siliconix SIP32461 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
SiP32460, SiP32461, SiP32462
www.vishay.com
Vishay Siliconix
S14-0842-Rev. D, 28-Apr-14
6
Document Number: 67754
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (TJ = 25 °C, unless otherwise noted)
Fig. 10 - Off Switch Current vs. Input Voltage
Fig. 11 - RDS(on) vs. Input Voltage
Fig. 12 - Reverse Blocking Current vs. Output Voltage
Fig. 13 - Off Switch Current vs. Temperature
Fig. 14 - RDS(on) vs. Temperature
Fig. 15 - Turn-on Delay Time vs. Temperature
0
50
100
150
200
250
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
V
IN (V)
IN Current
OUT = GND
50
55
60
65
70
75
80
85
90
95
100
105
110
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
V
IN (V)
I
O = 1.0 A
I
O = 1.5 A
I
O = 0.2 A
I
O = 0.5 A
I
O = 0.1 A
- 650
- 600
- 550
- 500
- 450
- 400
- 350
- 300
- 250
- 200
- 150
- 100
- 50
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
V
OUT (V)
V
IN = 0 V
V
IN = 1.2 V
0.001
0.01
0.1
1
10
100
1000
10 000
- 40
- 20
0
20
40
60
80
100
Temperature (
°C)
V
IN = 5.5 V
V
IN = 3.3 V
V
IN = 1.2 V
V
IN = 2.5 V
V
IN = 5.0 V
40
42
44
46
48
50
52
54
56
58
60
62
64
- 40
- 20
0
20
40
60
80
100
Temperature (
°C)
I
O = 0.2 A
V
IN = 3.3 V
100
110
120
130
140
150
160
170
180
- 40
- 20
0
20
40
60
80
100
Temperature (
°C)
SiP32460, SiP32461
V
IN = 5 V
C
L
L
= 0.1 μF
R = 500
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com