Electronic Components Datasheet Search
  English  ▼

X  

LM12434CIV Datasheet(PDF) 39 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM12434CIV
Description  Sign Data Acquisition System with Serial I/O and Self-Calibration
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM12434CIV Datasheet(HTML) 39 Page - National Semiconductor (TI)

Back Button LM12434CIV Datasheet HTML 35Page - National Semiconductor (TI) LM12434CIV Datasheet HTML 36Page - National Semiconductor (TI) LM12434CIV Datasheet HTML 37Page - National Semiconductor (TI) LM12434CIV Datasheet HTML 38Page - National Semiconductor (TI) LM12434CIV Datasheet HTML 39Page - National Semiconductor (TI) LM12434CIV Datasheet HTML 40Page - National Semiconductor (TI) LM12434CIV Datasheet HTML 41Page - National Semiconductor (TI) LM12434CIV Datasheet HTML 42Page - National Semiconductor (TI) LM12434CIV Datasheet HTML 43Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 80 page
background image
60 Operational Information (Continued)
63 INSTRUCTION SEQUENCER
The Sequencer uses a 3-bit counter (Instruction Pointer or
IP) to retrieve the programmable conversion instructions
stored in the Instruction RAM The counter is reset to 000
during chip reset or if the current executed instruction has
its Loop bit (Bit 1 in any Instruction RAM ‘‘00’’) set high
(‘‘1’’) It increments at the end of the currently executed
instruction and points to the next instruction It will continue
to increment up to 111 unless an instruction’s Loop bit is
set If this bit is set the counter resets to ‘‘000’’ and execu-
tion begins again with the first instruction If all instructions
have their Loop bit reset to ‘‘0’’ the Sequencer will execute
all eight instructions continuously Therefore it is important
to realize that if less than eight instructions are pro-
grammed the Loop bit on the last instruction must be set
Leaving this bit reset to ‘‘0’’ allows the Sequencer to exe-
cute ‘‘unprogrammed’’ instructions the results of which may
be unpredictable
The Sequencer’s Instruction Pointer value is readable at
any time and is found in the Status register at Bits 8 – 10
Figure 10 illustrates the instruction execution flow as per-
formed by the sequencer The Sequencer can go through
eight states during instruction execution
State 0
The current instruction’s first 16 bits are read
from the Instruction RAM ‘‘00’’ This state is one clock cycle
long
State 1
Checks the state of the Calibration and Start bits
This is the ‘‘rest’’ state whenever the Sequencer is stopped
using the reset a Pause command or the Start bit is reset
low (‘‘0’’) When the Start bit is set to a ‘‘1’’ this state is one
clock cycle long
State 2
Perform calibration If bit 2 or bit 6 of the Configu-
ration register is set to a ‘‘1’’ state 2 is 76 clock cycles long
If the Configuration register’s bit 3 is set to a ‘‘1’’ state 2 is
4944 clock cycles long
State 3
Run the internal 16-bit Timer The number of
clock cycles for this state varies according to the value
stored in the Timer register The number of clock cycles is
found by using the expression below
32T a 2
where 0 s T s 216 b1
State 7
Sample the input signal and read Limit
1’s val-
ue if needed The number of clock cycles for acquiring the
input signal in the 12-bit a sign mode varies according to
9 a 2D
where D is the user-programmable 4-bit value stored in bits
12 – 15 of Instruction RAM ‘‘00’’ and is limited to 0 s D s
15
The number of clock cycles for acquiring the input signal in
the 8-bit a sign or ‘‘watchdog’’ mode varies according to
2 a 2D
State 6
Perform first watchdog comparison This state is
5 clock cycles long
State 4
Read Limit
2 This state is 1 clock cycle long
State 5
Perform a conversion or second watchdog com-
parison This state takes 44 clock cycles for a 12-bit a sign
conversions or 21 clock cycles for a 8-bit a sign conver-
sions The ‘‘watchdog’’ comparison mode takes 5 clock cy-
cles
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com