Electronic Components Datasheet Search
  English  ▼

X  

LTC1644 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1644
Description  CompactPCI Bus Hot Swap Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1644 Datasheet(HTML) 2 Page - Linear Technology

  LTC1644 Datasheet HTML 1Page - Linear Technology LTC1644 Datasheet HTML 2Page - Linear Technology LTC1644 Datasheet HTML 3Page - Linear Technology LTC1644 Datasheet HTML 4Page - Linear Technology LTC1644 Datasheet HTML 5Page - Linear Technology LTC1644 Datasheet HTML 6Page - Linear Technology LTC1644 Datasheet HTML 7Page - Linear Technology LTC1644 Datasheet HTML 8Page - Linear Technology LTC1644 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LTC1644
2
1644f
Supply Voltages
12VIN ................................................................ 13.2V
VEEIN .................................................................. –14V
Input Voltages (Pins 5, 9) .......................– 0.3V to 13.5V
Output Voltages (Pins 6, 7, 10) ..............– 0.3V to 13.5V
Analog Voltages and Currents
Pins 3, 11 to 14, 16 to 18 ...................– 0.3V to 13.5V
Pins 4, 15 ............................. – 0.3V to (12VIN + 0.3V)
VEEOUT ...................................................– 14V to 0.3V
12VOUT ...............................................– 0.3V to 13.2V
Operating Temperature Range
LTC1644C ............................................... 0
°C to 70°C
LTC1644I ............................................ – 40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ORDER PART
NUMBER
TJMAX = 140°C, θJA = 135°C/W
Consult LTC Marketing for parts specified with wider operating temperature ranges.
LTC1644CGN
LTC1644IGN
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
ELECTRICAL CHARACTERISTICS
The q denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
V12VIN = 12V, VEEIN = –12V, V3VIN = 3.3V, V5VIN = 5V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IDD
V12VIN Supply Current
OFF/ON = 0V
q
38
mA
VLKO
Undervoltage Lockout
12VIN, Ramping Down
q
6.00
8.30
10.80
V
3VIN, 5VIN, Ramping Down
q
2.25
2.48
2.75
V
VFB
Foldback Current Limit Voltage
VFB = (V5VIN – V5VSENSE), V5VOUT = 0V, TIMER = 0V
q
812
15
mV
VFB = (V5VIN – V5VSENSE), V5VOUT = 3V, TIMER = 0V
q
40
51
70
mV
VFB = (V3VIN – V3VSENSE), V3VOUT = 0V, TIMER = 0V
q
812
15
mV
VFB = (V3VIN – V3VSENSE), V3VOUT = 2V, TIMER = 0V
q
40
51
70
mV
VCB
Circuit Breaker Trip Voltage
VCB = (V5VIN – V5VSENSE), TIMER = FLOAT
q
40
55
70
mV
VCB = (V3VIN – V3VSENSE), TIMER = FLOAT
q
40
55
70
mV
tOC
Overcurrent Fault Response Time
(V5VIN – V5VSENSE) = 100mV, TIMER = FLOAT
q
30
45
60
µs
(V3VIN – V3VSENSE) = 100mV, TIMER = FLOAT
q
30
45
60
µs
tSC
Short-Circuit Response Time
(V5VIN – V5VSENSE) = 200mV, TIMER = FLOAT
q
0.1
1.0
µs
(V3VIN – V3VSENSE) = 200mV, TIMER = FLOAT
q
0.1
1.0
µs
ICP
GATE Pin Output Current
OFF/ON = 0V, VGATE = 0V, TIMER = 0V
q
– 20
– 65
–100
µA
VGATE = 5V, OFF/ON = 4V
100
225
300
µA
OFF/ON = 0V, VGATE = 2V, TIMER = FLOAT, FAULT = 0V
q
310
20
mA
∆VGATE
External Gate Voltage
∆VGATE = (V12VIN – VGATE), IGATE = –1µA
q
50
200
mV
VDROP
Internal Switch Voltage Drop
VDROP = (V12VIN – V12VOUT), I = 500mA
q
200
600
mV
VDROP = (VEEOUT – VEEIN), IEE = 100mA
q
110
250
mV
ICL
Current Foldback
12VIN = 12V, 12VOUT = 0V, TIMER = 0V
q
– 50
–360
– 600
mA
12VIN = 12V, 12VOUT = 10V, TIMER = 0V
q
– 525
– 840
– 1500
mA
VEEIN = –12V, VEEOUT = 0V, TIMER = 0V
q
20
100
300
mA
VEEIN = –12V, VEEOUT = –10V, TIMER = 0V
q
200
320
650
mA
TTS
Thermal Shutdown Temperature
130
°C
1
2
3
4
5
6
7
8
9
10
TOP VIEW
GN PACKAGE
20-LEAD PLASTIC SSOP
20
19
18
17
16
15
14
13
12
11
12VIN
VEEIN
5VOUT
TIMER
OFF/ON
FAULT
PWRGD
GND
RESETIN
RESETOUT
12VOUT
VEEOUT
3VOUT
3VIN
3VSENSE
GATE
5VSENSE
5VIN
PRECHARGE
DRIVE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com