Electronic Components Datasheet Search
  English  ▼

X  

LM12438CIV Datasheet(PDF) 63 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM12438CIV
Description  Sign Data Acquisition System with Serial I/O and Self-Calibration
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM12438CIV Datasheet(HTML) 63 Page - National Semiconductor (TI)

Back Button LM12438CIV Datasheet HTML 59Page - National Semiconductor (TI) LM12438CIV Datasheet HTML 60Page - National Semiconductor (TI) LM12438CIV Datasheet HTML 61Page - National Semiconductor (TI) LM12438CIV Datasheet HTML 62Page - National Semiconductor (TI) LM12438CIV Datasheet HTML 63Page - National Semiconductor (TI) LM12438CIV Datasheet HTML 64Page - National Semiconductor (TI) LM12438CIV Datasheet HTML 65Page - National Semiconductor (TI) LM12438CIV Datasheet HTML 66Page - National Semiconductor (TI) LM12438CIV Datasheet HTML 67Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 80 page
background image
70 Digital Interface (Continued)
Burst read cycle
A burst read cycle starts the same way
as a single read cycle but the B bit in the command packet
is set to one indicating a burst read cycle After the first 16
bits of data carrying the command packet is written to the
DAS the DAS begins to send out the data words from the
addressed register on the DR line repeatedly Each data
word is preceded by an FSR pulse for synchronization To
terminate a burst read cycle the processor does a dummy
read from the configuration register during the last
data word This dummy read should be started so that its
FSR pulse occurs during the 15th to 17th SCLK cycle of the
last data word as shown in
Figure 15c The dummy read
terminates the burst read cycle and shifts out the contents
of the configuration register on the DR line This data can be
discarded After transfer of the last data bit from the config-
uration register the DAS is ready for a new communication
cycle to begin
TLH11879 – 47
(a) Write Cycle
TLH11879 – 48
(b) Read Cycle
FIGURE 15 Timing Diagram for LM12434 and LM12 L 438 TMS320 Serial Interface Mode
63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com