Electronic Components Datasheet Search
  English  ▼

X  

08097261 Datasheet(PDF) 1 Page - Littelfuse

Part # 08097261
Description  In shape and design the current isolating switches with mechanical ON-OFF position are very similar to the models described in the preceding section
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

08097261 Datasheet(HTML) 1 Page - Littelfuse

  08097261 Datasheet HTML 1Page - Littelfuse 08097261 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2017 Littelfuse Commercial Vehicle Products
Rev:072817
littelfuse.com
Product Datasheet
littelfuse.com
Commercial Vehicle Product Datasheet
1 of 2
08097160 & 08098100 BATTERY DISCONNECT SWITCHES
250A-350A • SPST • IP65 • M10/M12 Studs • Electrical bistable remote control
Specifications
Max Operating Voltage:
12V DC
24V DC
Max Continuous Current:
250A 08097200-08097260-08091761-
08097860-08098100
350A 08097160-08097161-08097261-
08097262
Intermittent Current:
2500A at 3 sec
Operating Temp:
-40 °C to +85 °C
Ingress Protection:
IP65
Contacts:
Tin-plated Brass
Terminals:
M10 - M12 (brass)
Applications
• Heavy trucks
• Commercial vehicles
• Buses
• Agricultural
• Construction
• Marine
Web Resources
Download 2D print and technical resources at:
littelfuse.com/ManualBatterySwitches
Description
In shape and design the current isolating switches with
mechanical ON-OFF position are very similar to the models
described in the preceding section. But there is one difference:
while traditional current isolating switches require a minimum
current when they are turned on, models with “mechanical
ON-OFF position” absorb current only during the commuting
phase or when switched from (OFF) to (ON) and vice versa.
Generally referred to as “bistable with zero consumption”, their
switches turn to closed or open state of the electric circuit.
Features/Benefits
• 250A-350A continuous current rating
• Waterproof IP65/IPX7
Mounting Diagram
PART NUMBER VOLTAGE AMPERAGE CIRCUITRY MOUNTING INGRESS
TERMINAL NUTS
IMAGE DIAGRAM
NOTES
08097160
12V DC
350A
SPST
Bolt-Down
IP65-IPX7
M12 Tin-plated brass
B
2
manual remote control
08097161
24V DC
350A
SPST
Bolt-Down
IP65-IPX7
M12 Tin-plated brass
E
1
manual remote control
08097200
24V DC
250A
SPST
Bolt-Down
IP65-IPX7
M10 Tin-plated brass
C
4
separate ON-OFF switch
08097260
24V DC
250A
SPST
Bolt-Down
IP65-IPX7
M10 Tin-plated brass
C
4
protection cover
08097261
12V DC
350A
SPST
Bolt-Down
IP65-IPX7
M12 Tin-plated brass
B
2
manual remote control
08097262
12V DC
350A
SPST
Bolt-Down
IP65-IPX7
M12 Tin-plated brass
E
1
manual remote control
08091761
24V DC
250A
SPST
Bolt-Down
IP65-IPX7 M10-M12 Tin-plated brass
F
6
stif protection sheath
08097860
24V DC
250A
SPST
Bolt-Down
IP65-IPX7 M10-M12 Tin-plated brass
D
3
manual remote control
08098100
12V DC
250A
SPST
Bolt-Down
IP65-IPX7
M10 Tin-plated brass
A
5
disconnection the alternator
Electrical Diagram
All the range ± disconnection separate coil feeding
Closed
push
button
Open
push
button
30A
30A
ON
OFF
INS.
DIS.
6 YELLOW
2 WHITE
3 BLUE
4 BROUN
5 GREEN
30
A
D
B
E
C
F
1
2
4
3
5
6
Ordering Information


Similar Part No. - 08097261

ManufacturerPart #DatasheetDescription
logo
Littelfuse
08097300 LITTELFUSE-08097300 Datasheet
324Kb / 1P
The dual pole remote control current isolating switches described in this section are different in shape and working principle
logo
PHOENIX CONTACT
0809735 PHOENIX-0809735 Datasheet
54Kb / 2P
Zack Marker strip, flat - ZBF 12: UNPRINTED
0809735 PHOENIX-0809735 Datasheet
100Kb / 5P
UW 16
logo
Littelfuse
08097360 LITTELFUSE-08097360 Datasheet
798Kb / 2P
This is the dual-pole bi-stable version of the ADR electronic battery disconnect switches
08097362 LITTELFUSE-08097362 Datasheet
324Kb / 1P
The dual pole remote control current isolating switches described in this section are different in shape and working principle
More results

Similar Description - 08097261

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5638A ETC2-5638A Datasheet
529Kb / 22P
THE WIDEST RANGE IN MINIATURE SWITCHES
5649A ETC2-5649A Datasheet
529Kb / 22P
THE WIDEST RANGE IN MINIATURE SWITCHES
5656A ETC2-5656A Datasheet
529Kb / 22P
THE WIDEST RANGE IN MINIATURE SWITCHES
logo
E-SWITCH
N211060 E-SWITCH-N211060 Datasheet
208Kb / 1P
PART SUPPLIED WITH ALL POLES IN THE OFF POSITION
logo
Silicon Laboratories
1202231 SILABS-1202231 Datasheet
43Kb / 2P
The behavior of the Si3462 is similar functionally to the Si3461
logo
Littelfuse
08070000 LITTELFUSE-08070000 Datasheet
904Kb / 2P
In shape and design the current isolating switches with mechanical ON-OFF position are very similar to the current isolating switches
08075062 LITTELFUSE-08075062 Datasheet
1Mb / 3P
In shape and design the bistable/magnetic current isolating switches ON-OFF position is different to traditional current isolating switches
08094400 LITTELFUSE-08094400 Datasheet
542Kb / 2P
The single pole remote control current isolating switches described in this datasheet section are different in size, shape and working principle
08097300 LITTELFUSE-08097300 Datasheet
324Kb / 1P
The dual pole remote control current isolating switches described in this section are different in shape and working principle
logo
New Jersey Semi-Conduct...
ESJA57-04A NJSEMI-ESJA57-04A Datasheet
108Kb / 2P
Shape and dimensions are described
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com