Electronic Components Datasheet Search
  English  ▼

X  

08097461 Datasheet(PDF) 1 Page - Littelfuse

Part # 08097461
Description  The dual pole remote control current isolating switches described in this section are different in shape and working principle
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

08097461 Datasheet(HTML) 1 Page - Littelfuse

  08097461 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
littelfuse.com
Commercial Vehicle Product Datasheet
© 2017 Littelfuse Commercial Vehicle Products
Rev: 090117
littelfuse.com
Commercial Vehicle Product Datasheet
1 of 2
08097300 & 08098160 BATTERY DISCONNECT SWITCHES
250A • DPST • IP65 • M10/M12 Studs • Dual pole bistable current isolating switches
Specifications
Max Operating Voltage:
12V DC
24V DC
Max Continuous Current:
250A
Intermittent Current:
2500A at 3 sec
Operating Temp:
-40 °C to +85 °C
Ingress Protection:
IP65
Contacts:
Tin-plated Brass
Terminals:
M8 - M10 - M12 (brass)
Applications
• Heavy trucks
• Commercial vehicles
• Buses
• Agricultural
• Construction
• Marine
Web Resources
Download technical resources at:
littelfuse.com/ManualBatterySwitches
Description
The dual pole remote control current isolating switches
described in this section are different in shape and working
principle. Remote control current isolating switches are
encased in a plastic housing, and are turned on or off with the
ignition key or a remote control; with a minimum absorption
of current.
In this category we also find a range of models where unlike as
in traditional current isolating switches the coil is fed separately
and disconnects either the negative or the positive pole.
Features/Benefits
• 250A continuous current rating
• Waterproof IP65
Mounting Diagram
PART NUMBER VOLTAGE AMPERAGE CIRCUITRY MOUNTING INGRESS
TERMINAL NUTS
IMAGE DIAGRAM
NOTES
08097300
12V DC
250A
DPST
Bolt-Down
IP65
M10 Tin-plated brass
A
1
cover
08097400
24V DC
250A
DPST
Bolt-Down
IP65
M10 Tin-plated brass
A
1
cover
08097362
12V DC
250A
DPST
Bolt-Down
IP65
M10 Tin-plated brass
B
2
8 pins plug
08097462
24V DC
250A
DPST
Bolt-Down
IP65
M10 Tin-plated brass
B
2
8 pins plug
08097368
12V DC
250A
DPST
Bolt-Down
IP65
M10 Tin-plated brass
C
3
cover
08097468
24V DC
250A
DPST
Bolt-Down
IP65
M10 Tin-plated brass
C
3
cover
08097461
24V DC
250A
DPST
Bolt-Down
IP65
M10 Tin-plated brass
D
2
8 pins plug
08098160
24V DC
250A
DPST
Bolt-Down
IP65
M8-M12 Tin-plated brass
E
4
12V and 24V circuit
Electrical Diagram
30A
31A
30
31
5 4
1
7 3 2
A
D
B
E
C
1
2
4
3
Ordering Information


Similar Part No. - 08097461

ManufacturerPart #DatasheetDescription
logo
Littelfuse
08097460 LITTELFUSE-08097460 Datasheet
798Kb / 2P
This is the dual-pole bi-stable version of the ADR electronic battery disconnect switches
08097463 LITTELFUSE-08097463 Datasheet
798Kb / 2P
This is the dual-pole bi-stable version of the ADR electronic battery disconnect switches
08097464 LITTELFUSE-08097464 Datasheet
798Kb / 2P
This is the dual-pole bi-stable version of the ADR electronic battery disconnect switches
08097467 LITTELFUSE-08097467 Datasheet
459Kb / 2P
This is the single-pole bi-stable version of the ADR electronic battery disconnect switches
08097469 LITTELFUSE-08097469 Datasheet
798Kb / 2P
This is the dual-pole bi-stable version of the ADR electronic battery disconnect switches
More results

Similar Description - 08097461

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN101C115 PANASONIC-MN101C115 Datasheet
1,002Kb / 170P
Request for your special attention and precautions in using the technical information and semiconductors described in this book
logo
Alpha Wire
FIT-105-MS-1 ALPHAWIRE-FIT-105-MS-1 Datasheet
185Kb / 3P
All materials used in the manufacture of this part are in compliance
FIT-221-MS-2 ALPHAWIRE-FIT-221-MS-2 Datasheet
226Kb / 3P
All materials used in the manufacture of this part are in compliance
XHD1IN ALPHAWIRE-XHD1IN Datasheet
184Kb / 3P
All materials used in the manufacture of this part are in compliance
logo
Littelfuse
08070000 LITTELFUSE-08070000 Datasheet
904Kb / 2P
In shape and design the current isolating switches with mechanical ON-OFF position are very similar to the current isolating switches
08075062 LITTELFUSE-08075062 Datasheet
1Mb / 3P
In shape and design the bistable/magnetic current isolating switches ON-OFF position is different to traditional current isolating switches
08094400 LITTELFUSE-08094400 Datasheet
542Kb / 2P
The single pole remote control current isolating switches described in this datasheet section are different in size, shape and working principle
08097160 LITTELFUSE-08097160 Datasheet
891Kb / 2P
In shape and design the current isolating switches with mechanical ON-OFF position are very similar to the models described in the preceding section
logo
New Jersey Semi-Conduct...
ESJA57-04A NJSEMI-ESJA57-04A Datasheet
108Kb / 2P
Shape and dimensions are described
logo
Samsung semiconductor
LSC320AN10 SAMSUNG-LSC320AN10 Datasheet
2Mb / 34P
The information described in this specification is preliminary and can be changed without prior notice
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com