Electronic Components Datasheet Search
  English  ▼

X  

MM74HC648 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM74HC648
Description  Non-Inverting Octal Bus Transceiver/Registers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM74HC648 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  MM74HC648 Datasheet HTML 1Page - National Semiconductor (TI) MM74HC648 Datasheet HTML 2Page - National Semiconductor (TI) MM74HC648 Datasheet HTML 3Page - National Semiconductor (TI) MM74HC648 Datasheet HTML 4Page - National Semiconductor (TI) MM74HC648 Datasheet HTML 5Page - National Semiconductor (TI) MM74HC648 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AC Electrical Characteristics MM54HC646MM74HC646 MM54HC648MM74HC648 (Continued)
VCCe20b60V CLe50 pF tretfe6 ns (unless otherwise specified)
TAe25 C
74HC
54HC
Symbol
Parameter
Conditions
VCC
TAeb40 to 85 CTAeb55 to 125 C Units
Typ
Guaranteed Limits
tPHL tPLH Maximum Propagation
CLe50 pF
20V
85
170
214
253
ns
Delay SBA or SAB
CLe150 pF 20V 110
220
277
328
ns
Input to A or B Output
CLe50 pF
45V
17
34
43
51
ns
CLe150 pF 45V
22
44
55
66
ns
CLe50 pF
60V
14
29
36
43
ns
CLe150 pF 60V
19
37
47
56
ns
tPZL tPZL Maximum Output Enable
RLe1kX
Time G Input or DIR to A or B
CLe50 pF
20V
80
175
219
263
ns
Output
CLe150 pF 20V 120
225
281
338
ns
CLe50 pF
45V
23
35
44
53
ns
CLe150 pF 45V
31
45
56
68
ns
CLe50 pF
60V
21
30
37
45
ns
CLe150 pF 60V
27
38
48
57
ns
tPHZ tPLZ Maximum Output Disable
RLe1kX
20V
85
175
219
263
ns
Time G Input to A or B
CLe50 pF
45V
23
35
44
53
ns
Output
60V
21
30
37
45
ns
tTHL tTLH Maximum Output Rise
20V
60
75
90
ns
and Fall Time
CLe50 pF
45V
12
15
18
ns
60V
10
13
15
ns
tS
Minimum Set Up Time
20V
100
125
150
ns
45V
20
25
30
ns
60V
17
21
25
ns
tH
Minimum Hold Time
20V
0
0
0
ns
45V
0
0
0
ns
60V
0
0
0
ns
tW
Minimum Pulse Width
20V
80
100
120
ns
of Clock
45V
16
20
24
ns
60V
14
18
21
ns
tr tf
Maximum Input Rise and
20V
1000
1000
1000
ns
Fall Time
45V
500
500
500
ns
60V
400
400
400
ns
CPD
Power Dissipation
90
pF
Capacitance (Note 5)
CIN
Maximum Input Capacitance
5
10
10
10
pF
COUT
Maximum Output
15
20
20
20
pF
Capacitance
Note 5
CPD determines the no load dynamic power consumption PDeCPD VCC2 faICC and the no load dynamic current consumption ISeCPD VCC faICC
Note 6
Refer to back of this section for Typical MM5474HC AC Switching Waveforms and Test Circuits
4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com