Electronic Components Datasheet Search
  English  ▼

X  

08097367 Datasheet(PDF) 1 Page - Littelfuse

Part # 08097367
Description  This is the single-pole bi-stable version of the ADR electronic battery disconnect switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

08097367 Datasheet(HTML) 1 Page - Littelfuse

  08097367 Datasheet HTML 1Page - Littelfuse 08097367 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
littelfuse.com
Commercial Vehicle Product Datasheet
© 2017 Littelfuse Commercial Vehicle Products
Rev: 090117
08097367 & 08097467 BATTERY DISCONNECT SWITCHES
250A • SPST • IP65/IPX7 • M10 Studs • ADR Electronic/Electrical bistable remote control
Specifications
Max Operating Voltage:
12V DC
24V DC
Max Continuous Current:
250A
Intermittent Current:
2500A at 3 sec
Operating Temp:
-40 °C to +85 °C
Ingress Protection:
IP65/IPX7
Terminals:
Tin-plated Brass
Terminals Nuts:
M10 (brass)
Applications
• Heavy trucks
• Commercial vehicles
• Buses
• Ambulances
• Construction
• Material Handling
Web Resources
Download technical resources at:
littelfuse.com/ManualBatterySwitches
Description
This is the single-pole bi-stable version of the ADR electronic
battery disconnect switches.
It protects the vehicle in potentially explosive environments
in case of emergency according the European Dangerous
Goods Transport Regulation and is operated with an
emergency ON-OFF switch.
Switches are bi-stable with zero consumption, that is, the
device absorbs current only during the commuting phase
when the electrical circuit is switched ON or OFF and no
further consumption to keep the ON or OFF status.
Features/Benefits
• 250A continuous current rating
• Waterproof IP65/IPX7
Mounting Diagram
PART NUMBER VOLTAGE AMPERAGE CIRCUITRY
MOUNTING
INGRESS
CONTACT TERMINALS
NOTES
08097367
12V DC
250A
SPST
Bolt-Down
IP65/IPX7
M10 Tin-plated brass
+ disconnection 30 sec.
0,5-10-80 sec. Emergency CUT-OFF
08097467
24V DC
250A
SPST
Bolt-Down
IP65/IPX7
M10 Tin-plated brass
+ disconnection 30 sec.
0,5-10-80 sec. Emergency CUT-OFF
Must be isolated
Auxiliary contact
+
-
Batteries
30A
30
4
1
2
7
3
5
6
Electrical Diagram
Ordering Information
1 of 2


Similar Part No. - 08097367

ManufacturerPart #DatasheetDescription
logo
Littelfuse
08097360 LITTELFUSE-08097360 Datasheet
798Kb / 2P
This is the dual-pole bi-stable version of the ADR electronic battery disconnect switches
08097362 LITTELFUSE-08097362 Datasheet
324Kb / 1P
The dual pole remote control current isolating switches described in this section are different in shape and working principle
08097363 LITTELFUSE-08097363 Datasheet
798Kb / 2P
This is the dual-pole bi-stable version of the ADR electronic battery disconnect switches
08097364 LITTELFUSE-08097364 Datasheet
798Kb / 2P
This is the dual-pole bi-stable version of the ADR electronic battery disconnect switches
08097368 LITTELFUSE-08097368 Datasheet
324Kb / 1P
The dual pole remote control current isolating switches described in this section are different in shape and working principle
More results

Similar Description - 08097367

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NXRS15WF104FA3A016 MURATA-NXRS15WF104FA3A016 Datasheet
197Kb / 3P
the variation per hour of this product is stable few
NXRS15XH103FA3A016 MURATA-NXRS15XH103FA3A016 Datasheet
197Kb / 3P
the variation per hour of this product is stable few
NXRS15XM202EA3A016 MURATA-NXRS15XM202EA3A016 Datasheet
195Kb / 3P
the variation per hour of this product is stable few
NXRS15XV103FA3A016 MURATA-NXRS15XV103FA3A016 Datasheet
197Kb / 3P
the variation per hour of this product is stable few
NXRS15XV502FA3A016 MURATA-NXRS15XV502FA3A016 Datasheet
197Kb / 3P
the variation per hour of this product is stable few
NXRT15WB473FA3A016 MURATA-NXRT15WB473FA3A016 Datasheet
194Kb / 3P
the variation per hour of this product is stable few
NXRT15WF104FA3A016 MURATA-NXRT15WF104FA3A016 Datasheet
198Kb / 3P
the variation per hour of this product is stable few
NXRT15XM202EA3A016 MURATA-NXRT15XM202EA3A016 Datasheet
197Kb / 3P
the variation per hour of this product is stable few
logo
Littelfuse
08095800 LITTELFUSE-08095800 Datasheet
572Kb / 2P
The range of single-pole electronic current isolating switches which are specifically designed for ADR equipped vehicles in accordance with ADR regulations on the subject of road transport of dangerous materials
08097360 LITTELFUSE-08097360 Datasheet
798Kb / 2P
This is the dual-pole bi-stable version of the ADR electronic battery disconnect switches
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com