Electronic Components Datasheet Search
  English  ▼

X  

USP4065 Datasheet(PDF) 1 Page - Littelfuse

Part # USP4065
Description  Littelfuse offers Vinyl probe housings suitable for a wide range of temperature sensing applications
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

USP4065 Datasheet(HTML) 1 Page - Littelfuse

  USP4065 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
littelfuse.com
© 2018 Littelfuse, Inc. Revised: March 2, 2018
Specifications are subject to change without notice.
Description
Littelfuse offers Vinyl probe housings suitable for a wide range of
temperature sensing applications. If the dimensions on this
product won’t work for your requirements, please contact us for
further assistance.
Dimensions
Dimensions in inches.
Disclaimer Notice - Information furnished is believed to be accurate and reliable. However, users should independently evaluate the suitability of and test each
product selected for their own applications. Littelfuse products are not designed for, and may not be used in, all applications. Read complete Disclaimer Notice at:
www.littelfuse.com/disclaimer-electronics
Plastic
Thermistor Probes and Assemblies
A
B
C
D
0.250”
± 0.070”
Strip
180”
± 6.0”
0.580”
± 0.100”
0.225”
± 0.040”
USP4065 Thermistor Probe
Features
• High Accuracy
• PVC Insulated Zip Cord
• 100°C Max Operating
Temperature
STRIP:
0.250"
± 0.070”
THERMISTOR ELEMENT POTTED
IN VINYL PROBE HOUSING
USP4065
180”
± 6.0”
24 AWG, STRANDED CONDUCTOR,
TWO CONDUCTOR,
PVC INSULATED ZIPCORD,
COLOR: BLACK
A
C
B
D
A
B
C
D
0.580”
± 0.100”
0.225”
± O0.040”
Specifications
Part
Number
Resistance Ohms
@25°C
R-T
Curve
Temperature
Coefficient
(% / °C) @ 25°C
Beta (K)
0-50°C
Temperature
Rating (°C)
USP4065
2000
F
-3.86
3419
-55 to +100
Part Numbering System
Note: Not all combinations of Part Number codes are available. Contact Littelfuse for details.
USP 4065
Thermistor
Probe
No Significance


Similar Part No. - USP4065

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
USP4-35MM L-COM-USP4-35MM Datasheet
79Kb / 1P
USP SUB PANEL, 4 AUDIO JACK 3.5 mm
4/25/07
USP41-4 L-COM-USP41-4 Datasheet
54Kb / 1P
USP SUB PANEL, W/4 STEREO 1/4" FEMALE AUDIO JACKS
4/4/07
logo
Littelfuse
USP4261 LITTELFUSE-USP4261 Datasheet
549Kb / 1P
Littelfuse offers Ring Lug probe housings suitable for a wide range of temperature sensing applications
logo
Infinite Electronics In...
USP4MD6B L-COM-USP4MD6B Datasheet
61Kb / 1P
USP SUB PANEL, W/4 MINI DIN 6 F/F BULKHEAD COUPLER
3/16/07
More results

Similar Description - USP4065

ManufacturerPart #DatasheetDescription
logo
Littelfuse
USP3121 LITTELFUSE-USP3121 Datasheet
544Kb / 1P
Littelfuse offers Aluminum probe housings suitable for a wide range of temperature sensing applications
USP7765 LITTELFUSE-USP7765 Datasheet
572Kb / 1P
Littelfuse offers Overmolded probe housings suitable for a wide range of temperature sensing applications
USP7766 LITTELFUSE-USP7766 Datasheet
601Kb / 1P
Littelfuse offers Overmolded probe housings suitable for a wide range of temperature sensing applications
USP8798 LITTELFUSE-USP8798 Datasheet
568Kb / 1P
Littelfuse offers Overmolded probe housings suitable for a wide range of temperature sensing applications
USP10680 LITTELFUSE-USP10680 Datasheet
558Kb / 1P
Littelfuse offers Overmolded probe housings suitable for a wide range of temperature sensing applications
USP10973 LITTELFUSE-USP10973 Datasheet
569Kb / 1P
Littelfuse offers Overmolded probe housings suitable for a wide range of temperature sensing applications
USP10978 LITTELFUSE-USP10978 Datasheet
612Kb / 1P
Littelfuse offers Overmolded probe housings suitable for a wide range of temperature sensing applications
USP10982 LITTELFUSE-USP10982 Datasheet
550Kb / 1P
Littelfuse offers Overmolded probe housings suitable for a wide range of temperature sensing applications
USP11492 LITTELFUSE-USP11492 Datasheet
557Kb / 1P
Littelfuse offers Overmolded probe housings suitable for a wide range of temperature sensing applications
USP3021 LITTELFUSE-USP3021 Datasheet
540Kb / 1P
Littelfuse offers Stainless probe housings suitable for a wide range of temperature sensing applications
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com