Electronic Components Datasheet Search
  English  ▼

X  

USP4261 Datasheet(PDF) 1 Page - Littelfuse

Part # USP4261
Description  Littelfuse offers Ring Lug probe housings suitable for a wide range of temperature sensing applications
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

USP4261 Datasheet(HTML) 1 Page - Littelfuse

  USP4261 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
littelfuse.com
© 2018 Littelfuse, Inc. Revised: March 2, 2018
Specifications are subject to change without notice.
Description
Littelfuse offers Ring Lug probe housings suitable for a wide range
of temperature sensing applications. If the dimensions on this
product won’t work for your requirements, please contact us for
further assistance.
Dimensions
Dimensions in inches.
Surface Temperature Sensing
Thermistor Probes and Assemblies
A
B
C
D
E
0.250”
± 0.070”
Strip
3.0”
± 0.375”
0.280”
± 0.025”
0.615”
± 0.025”
0.215”
± 0.020”
Diam
USP4261 Thermistor Probe
Features
• Tight Tolerance
• #6 Mounting Hole
• PVC Insulated
Lead Wire
• 105°C Max Operating
Temperature
0.250"
± 0.070”
THERMISTOR ELEMENT
POTTED IN BARREL OF
RING–LUG HOUSING
P/N: USP4261
0.615”
± 0.025”
3.0”
± 0.375”
0.280”
± 0.025”
A
E
C
B
D
A
B
C
D
0.210”
± 0.020”
DIAM.
E
24 AWG, STRANDED CONDUCTOR,
TWO CONDUCTOR,
PVC INSULATED ZIPCORD
Specifications
Part
Number
Resistance
Ohms @25°C
Resistance
Tol. ± % @ 25°C
R-T
Curve
Temperature
Coefficient
(% / °C) @ 25°C
Beta (K)
0-50°C
Temperature
Rating (°C)
USP4261
10000
1
J
-4.4
3892
-55 to +105
Part Numbering System
Note: Not all combinations of Part Number codes are available. Contact Littelfuse for details.
USP 4261
Thermistor
Probe
No Significance
Disclaimer Notice - Information furnished is believed to be accurate and reliable. However, users should independently evaluate the suitability of and test each
product selected for their own applications. Littelfuse products are not designed for, and may not be used in, all applications. Read complete Disclaimer Notice at:
www.littelfuse.com/disclaimer-electronics


Similar Part No. - USP4261

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
USP4-35MM L-COM-USP4-35MM Datasheet
79Kb / 1P
USP SUB PANEL, 4 AUDIO JACK 3.5 mm
4/25/07
logo
Littelfuse
USP4065 LITTELFUSE-USP4065 Datasheet
548Kb / 1P
Littelfuse offers Vinyl probe housings suitable for a wide range of temperature sensing applications
logo
Infinite Electronics In...
USP41-4 L-COM-USP41-4 Datasheet
54Kb / 1P
USP SUB PANEL, W/4 STEREO 1/4" FEMALE AUDIO JACKS
4/4/07
USP4MD6B L-COM-USP4MD6B Datasheet
61Kb / 1P
USP SUB PANEL, W/4 MINI DIN 6 F/F BULKHEAD COUPLER
3/16/07
More results

Similar Description - USP4261

ManufacturerPart #DatasheetDescription
logo
Littelfuse
USP4065 LITTELFUSE-USP4065 Datasheet
548Kb / 1P
Littelfuse offers Vinyl probe housings suitable for a wide range of temperature sensing applications
USP6295 LITTELFUSE-USP6295 Datasheet
552Kb / 1P
Littelfuse offers Ring Lug probe housings suitable for a wide range of temperature sensing applications
USP6998 LITTELFUSE-USP6998 Datasheet
599Kb / 1P
Littelfuse offers Ring Lug probe housings suitable for a wide range of temperature sensing applications
USP7570 LITTELFUSE-USP7570 Datasheet
550Kb / 1P
Littelfuse offers Ring Lug probe housings suitable for a wide range of temperature sensing applications
USP7765 LITTELFUSE-USP7765 Datasheet
572Kb / 1P
Littelfuse offers Overmolded probe housings suitable for a wide range of temperature sensing applications
USP10680 LITTELFUSE-USP10680 Datasheet
558Kb / 1P
Littelfuse offers Overmolded probe housings suitable for a wide range of temperature sensing applications
USP10976 LITTELFUSE-USP10976 Datasheet
592Kb / 1P
Littelfuse offers Ring Lug probe assemblies suitable for a wide range of temperature sensing applications
USW2295 LITTELFUSE-USW2295 Datasheet
158Kb / 1P
Littelfuse offers Ring Lug probe assemblies suitable for a wide range of temperature sensing applications
USW2299 LITTELFUSE-USW2299 Datasheet
175Kb / 1P
Littelfuse offers Ring Lug probe assemblies suitable for a wide range of temperature sensing applications
USW3866 LITTELFUSE-USW3866 Datasheet
171Kb / 1P
Littelfuse offers Ring Lug probe assemblies suitable for a wide range of temperature sensing applications
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com