Electronic Components Datasheet Search
  English  ▼

X  

MMBTRA104SS Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # MMBTRA104SS
Description  SMD Digital PNP Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

MMBTRA104SS Datasheet(HTML) 1 Page - Diotec Semiconductor

  MMBTRA104SS Datasheet HTML 1Page - Diotec Semiconductor MMBTRA104SS Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MMBTRA101SS ... MMBTRA106SS
MMBTRA101SS ... MMBTRA106SS
SMD Digital PNP Transistors
SMD Digital-PNP-Transistoren
IO
= - 100 mA
Tjmax = 150°C
VO
= - 50 V
Ptot = 200 mW
Version 2018-02-14
SOT-23
(TO-236)
1 = In
2 = Gnd
3 = Out
Dimensions - Maße [mm]
Typical Applications
Digital controls
Switching, Signal processing
Commercial grade 1)
Typische Anwendungen
Digitale Steuerungen
Schalten, Signalverarbeitung
Standardausführung 1)
Features
Cost and space savings by integrated
bias resistor combinations
Compliant to RoHS, REACH,
Conflict Minerals 1)
Besonderheiten
Platz- und Kosteneinsparung durch
integrierte Widerstandskombination
Konform zu RoHS, REACH,
Konfliktmineralien 1)
Mechanical Data 1)
Mechanische Daten 1)
Taped and reeled
3000 / 7“
Gegurtet auf Rolle
Weight approx.
0.01 g
Gewicht ca.
Case material
UL 94V-0
Gehäusematerial
Solder & assembly conditions
260°C/10s
Löt- und Einbaubedingungen
MSL = 1
Maximum ratings 2)
Grenzwerte 2)
Output voltage – Ausgangs-Spannung
- VO
50 V
Output current – Ausgangs-Strom
- IO
100 mA
Power dissipation – Verlustleistung
Ptot
200 mW 3)
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-55...+150°C
-55…+150°C
Characteristics
Kennwerte
Resistor combinations – Widerstandskombinationen
Type
Code
R1 [kΩ]
R2 [kΩ]
MMBTRA101SS
tbd
4.7
4.7
MMBTRA102SS
tbd
10
10
MMBTRA103SS
tbd
22
22
MMBTRA104SS
tbd
47
47
MMBTRA105SS
tbd
2.2
47
MMBTRA106SS
tbd
4.7
47
Input-voltage – Eingangs-Spannung
- VI
MMBTRA101SS
-10 ... +20 V
Tj = 25°C
MMBTRA102SS
-10 ... +30 V
MMBTRA103SS
-10 ... +40 V
MMBTRA104SS
-10 ... +40 V
MMBTRA105SS
-5 ... +12 V
MMBTRA106SS
-5 ... +20 V
1
Please note the detailed information on our website or at the beginning of the data book
Bitte beachten Sie die detaillierten Hinweise auf unserer Internetseite bzw. am Anfang des Datenbuches
2
TA = 25°C, unless otherwise specified – TA = 25°C, wenn nicht anders angegeben
3
Valid, if leads are kept at ambient temperature at a distance of 2 mm from case
Gültig wenn die Anschlussdrähte in 2 mm Abstand vom Gehäuse auf Umgebungstemperatur gehalten werden
© Diotec Semiconductor AG
http://www.diotec.com/
1
Pb
RoHS
1.1
+0.1
0.4+0.1
2.9 ±0.1
1
2
3
Type
Code
1.9±0.1
-0.05
-0.2
3
1
2
R1
R2
Output
Input
Ground


Similar Part No. - MMBTRA104SS

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
MMBTRA104SS SEMTECH_ELEC-MMBTRA104SS Datasheet
168Kb / 2P
PNP Silicon Epitaxial Planar Transistor
logo
Diotec Semiconductor
MMBTRA104SS DIOTEC-MMBTRA104SS Datasheet
167Kb / 2P
SMD Digital PNP Transistors
logo
Dongguan Pingjingsemi T...
MMBTRA104SS PJSEMI-MMBTRA104SS Datasheet
860Kb / 6P
PNP Digital Transistor
More results

Similar Description - MMBTRA104SS

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
DTA123JKA MCC-DTA123JKA Datasheet
1Mb / 2P
PNP Digital Transistors
DTA143EKA MCC-DTA143EKA Datasheet
814Kb / 2P
PNP Digital Transistors
DTA144EKA MCC-DTA144EKA Datasheet
828Kb / 2P
PNP Digital Transistors
DTA144EUA MCC-DTA144EUA Datasheet
110Kb / 3P
PNP Digital Transistors
logo
SeCoS Halbleitertechnol...
DTA114EE SECOS-DTA114EE Datasheet
194Kb / 2P
PNP Digital Transistors
logo
Micro Commercial Compon...
DTA114ECA MCC-DTA114ECA_11 Datasheet
198Kb / 2P
PNP Digital Transistors
DTA144EUA MCC-DTA144EUA_11 Datasheet
212Kb / 3P
PNP Digital Transistors
logo
Shenzhen Jin Yu Semicon...
DTA114EE HTSEMI-DTA114EE Datasheet
348Kb / 2P
Digital transistors (PNP)
logo
Diotec Semiconductor
MMBTRA101SS DIOTEC-MMBTRA101SS_1 Datasheet
167Kb / 2P
SMD Digital PNP Transistors
BCR08PN DIOTEC-BCR08PN Datasheet
150Kb / 2P
SMD Digital NPN/PNP Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com