Electronic Components Datasheet Search
  English  ▼

X  

PA34 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PA34
Description  POWER OPERATIONAL AMPLIFIERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PA34 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PA34 Datasheet HTML 1Page - List of Unclassifed Manufacturers PA34 Datasheet HTML 2Page - List of Unclassifed Manufacturers PA34 Datasheet HTML 3Page - List of Unclassifed Manufacturers PA34 Datasheet HTML 4Page - List of Unclassifed Manufacturers PA34 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
APEX MICROTECHNOLOGY CORPORATION • 5980 NORTH SHANNON ROAD • TUCSON, ARIZONA 85741 • USA • APPLICATIONS HOTLINE: 1 (800) 546-2739
2
ABSOLUTE MAXIMUM RATINGS
SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
PA34
SPECIFICATIONS
PARAMETER
TEST CONDITIONS 2
MIN
TYP
MAX
UNITS
INPUT
OFFSET VOLTAGE, initial
1.5
10
mV
OFFSET VOLTAGE, vs. temperature
Full temperature range
15
µV/°C
BIAS CURRENT, initial
35
1000
nA
COMMON MODE RANGE
Full temperature range
–VS–.3
+VS–2
dB
COMMON MODE REJECTION, DC
Full temperature range
60
85
dB
POWER SUPPLY REJECTION
Full temperature range
60
80
dB
GAIN
OPEN LOOP GAIN
Full temperature range
80
100
dB
GAIN BANDWIDTH PRODUCT
AV = 40dB
600
kHz
PHASE MARGIN
Full temperature range
65
°
POWER BANDWIDTH
VO(P-P) = 28V
13.6
kHz
OUTPUT
CURRENT, peak
2.5
A
CURRENT, limit
3.0
A
SLEW RATE
.5
1.2
V/µs
CAPACITIVE LOAD DRIVE
AV = 1
.22
µF
VOLTAGE SWING
Full temp. range, IO = 100mA
|VS| –1.0
|VS| –0.8
V
VOLTAGE SWING
Full temp. range, IO = 1A
|VS| –1.8
|VS| –1.4
V
VOLTAGE SWING
IO = 2.5A
|VS| –3.0
|VS| –2.8
V
VOLTAGE SWING
IO = 3.0A
V
POWER SUPPLY
VOLTAGE, VSS3
54
30
40
V
CURRENT, quiescent, total
45
90
mA
THERMAL
RESISTANCE, DC junction to case
5.0
°C/W
RESISTENCE,AC junction to case
3.7
°C/W
RESISTANCE, junction to air
30
°C/W
TEMPERATURE RANGE, case
Meets full range specifications
–25
85
°C
SUPPLY VOLTAGE, total
5V to 40V
OUTPUT CURRENT
SOA
POWER DISSIPATION, internal (per amplifier)
25W
INPUT VOLTAGE, differential
±VS
INPUT VOLTAGE, common mode
+VS, -VS–.5V
JUNCTION TEMPERATURE, max1
150°C
TEMPERATURE, pin solder—10 sec max
300°C
TEMPERATURE RANGE, storage
–65°C to 150°C
OPERATING TEMPERATURE RANGE, case
–55°C to 125°C
PA34
NOTES:
1.
Long term operation at the maximum junction temperature will result in reduced product life. Derate internal power dissipation
to achieve high MTTF.
2.
Unless otherwise noted, the following conditions apply: ±VS = ±15V, TC = 25°C.
3.
+VS and –VS denote the positive and negative supply rail respectively. VSS denotes the total rail-to-rail supply voltage.
4.
Current limit may not function properly below VSS = 6V, however SOA violations are unlikely in this area.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com