Electronic Components Datasheet Search
  English  ▼

X  

216SP Datasheet(PDF) 1 Page - Littelfuse

Part # 216SP
Description  5횞20mm fast-acting ceramic body cartridge fuse Designed to IEC specification
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

216SP Datasheet(HTML) 1 Page - Littelfuse

  216SP Datasheet HTML 1Page - Littelfuse 216SP Datasheet HTML 2Page - Littelfuse 216SP Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© 2017 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 06/16/17
Axial Lead & Cartridge Fuses
5×20 mm > Fast-Acting Fuse > 216SP Series
216SP Series, 5×20 mm, Fast-Acting Fuse
Features
Electrical Characteristics for Series
Applications
RoHS Pb
5×20mm fast-acting ceramic body cartridge fuse Designed
to IEC specification
Used as supplementary protection in appliance or
utilization equipment to provide individual protection for
components or internal circuits.
PS
E
Description
I2t test at 10x rated current
Electrical Characteristic Specifications by Item
Amp
Code
Amp
Rating
Voltage
Rating
Interrupting
Rating
Nominal
Resistance
Cold Ohms
(Ohms)
Nominal
Melting I2t
(A2 sec)
Maximum
Voltage Drop at
Rated Current
(mV)
Maximum
Power
Dissapation at
1.5ln
(W)
Agency Approvals
PS
E
001.
1
250
1500 A @
250 VAC
0.2370
0.18000
1000
2.5
x
x
x
x
x
x
x
01.6
1.6
250
0.1112
1.00500
600
4
x
x
x
x
x
x
x
002.
2
250
0.0764
1.87000
500
4
x
x
x
x
x
x
x
02.5
2.5
250
0.0584
3.67200
400
4
x
x
x
x
x
x
x
3.15
3.15
250
0.0368
6.70000
350
4
x
x
x
x
x
x
x
004.
4
250
0.0247
14.99500
300
4
x
x
x
x
x
x
x
005.
5
250
0.0183
27.46000
250
4
x
x
x
x
x
x
x
06.3
6.3
250
0.0137
56.43000
200
4
x
x
x
x
x
x
x
008.
8
250
0.0123
64.31500
200
4
x
x
x
x
x
x
010.
10
250
0.0079
154.34000
200
4
x
x
x
x
x
x
Agency Approvals
Agency
Ampere Range
PS
E
NBK080205-E10480B
NBK250702-E10480F
1A – 5A
6.3A – 10A
CQC10012049970
1A – 10A
SU05001-11001A
SU05001-11002A
1A – 2.5A
3.15A – 6.3A
E10480
1A – 10A
29862
1A – 10A
40013834
1 – 6.3A
J50248090
8A/10A
N/A
1A – 10A
% of Ampere
Rating
Ampere Rating
OpeningTime
210%
1A – 4A
30 minutes, Maximum
5A – 6.3A
30 minutes, Maximum
8A – 10A
30 minutes, Maximum
275%
1A – 4A
0.01 sec.., Min.; 2 sec. Max.
5A – 6.3A
0.01 sec.., Min.; 3 sec. Max.
8A – 10A
0.04 sec., Min.; 20 sec. Max.
400%
1A – 4A
.003 sec., Min.; 0.3 sec. Max.
5A – 6.3A
.003 sec., Min.; 0.3 sec. Max.
8A – 10A
.01 sec.., Min.; 1.0 sec. Max.
1000%
1A – 4A
.02 seconds, Maximum
5A – 6.3A
.02 seconds, Maximum
8A – 10A
.03 sec.onds, Maximum
Application testing is strongly recommended.
• Designed to International
(IEC ) Standards for use
globally
• High breaking capacity
• Meets the IEC 60127-2,
Sheet 1 specification for
Fast-Acting fuses
• RoHS compliant and
lead-free


Similar Part No. - 216SP

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
216 RFSOLUTIONS-216 Datasheet
396Kb / 11P
Modular Radio Telemetry System
logo
Marl International Limi...
216 MARL-216 Datasheet
220Kb / 4P
Direct replacement for BA22
logo
Alpha Wire
216 ALPHAWIRE-216 Datasheet
135Kb / 2P
Mini 7/8" Female 3 Pin Field Attachable
logo
Aries Electronics, Inc.
216 ARIES-216 Datasheet
1Mb / 2P
Easy Identification and Tracing with 10-color Cable
logo
Littelfuse
216 LITTELFUSE-216 Datasheet
1Mb / 4P
5횞20mm fast-acting ceramic body cartridge fuse designed to IEC specification
More results

Similar Description - 216SP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
226 LITTELFUSE-226 Datasheet
90Kb / 1P
Axial Lead and Cartridge Fuses - Designed to IEC Standard
227 LITTELFUSE-227 Datasheet
96Kb / 1P
Axial Lead and Cartridge Fuses - Designed to IEC Standard
0215010TXP LITTELFUSE-0215010TXP Datasheet
359Kb / 5P
5x20mm Time-Lag surge withstand ceramic body cartridge fuse designed to IEC specification
logo
Cooper Bussmann, Inc.
1CJ COOPER-1CJ Datasheet
186Kb / 2P
Fast-Acting Ceramic Body, Class J
logo
Littelfuse
213 LITTELFUSE-213 Datasheet
880Kb / 3P
5횞20mm time-Lag surge withstand glass body cartridge fuse designed to IEC specification
215 LITTELFUSE-215 Datasheet
1,015Kb / 4P
5횞20mm Time-Lag surge withstand ceramic body cartridge fuse designed to IEC specification
216 LITTELFUSE-216 Datasheet
1Mb / 4P
5횞20mm fast-acting ceramic body cartridge fuse designed to IEC specification
217 LITTELFUSE-217 Datasheet
995Kb / 4P
5횞20mm fast-acting glass body cartridge fuse designed to IEC specification
218 LITTELFUSE-218 Datasheet
941Kb / 4P
The 218 series fuse is a 5x20mm time-lag glass body cartridge fuse designed to IEC specification
219XA LITTELFUSE-219XA Datasheet
803Kb / 4P
5횞20mm time-Lag glass body cartridge fuse designed to IEC specification
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com