Electronic Components Datasheet Search
  English  ▼

X  

DCBOB5 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # DCBOB5
Description  Up to 6 Watts, DC/DC Power Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCBOB5 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  DCBOB5 Datasheet HTML 1Page - Wall Industries,Inc. DCBOB5 Datasheet HTML 2Page - Wall Industries,Inc. DCBOB5 Datasheet HTML 3Page - Wall Industries,Inc. DCBOB5 Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev A
DCBOB5 SERIES
Up to 6 Watts, DC/DC Power
Converters
02/26/2013
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-
9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 4
Size:
1.25 x 0.80 x 0.40 inches
31.75 x 20.32 x 10.16 mm
APPLICATIONS
• Battery Powered Equipment
• Telecommunication Applications
• Industrial Applications
• Distributed Power Systems
• Process Control Equipment
• Transportation Equipment
FEATURES
• Single and Dual Outputs
• 5 Watts Output Power
• Remote On/Off Control
• 3000VDC I/O Isolation
• High Efficiency up to 83%
• Lead Free Design, RoHS
Compliant
• Meets EN55022, Class A
(Radiation)
• 4:1 Input Voltage Ranges: 9-36VDC and 18-75VDC
• Shielded Metal Case with Insulated Base-plate
• -40°C to +85°C Operating Temperature Range
• 24-Pin DIP Package with Industry-Standard
Footprint
• Short Circuit, Over Voltage, and Over Load
Protection
• Free Air Convection
• Custom Designs Available
DESCRIPTION
The DCBOB5 series of isolated DC/DC power converters provides up to 6 Watts of
continuous output power in an industry standard 1.25” x 0.80” x 0.40” shielded metal case.
This series consists of single and dual output models with 4:1 input voltage ranges of 9-
36VDC and 18~75VDC. Some features include high efficiency up to 83%, 3000VDC I/O
isolation, remote on/off control, and -40°C to +85°C operating temperature range. The
DCBOB5 series is RoHS compliant and has short circuit, over load, and over voltage
protection. These converters are best suited for use in battery powered equipment, industrial
applications, process control equipment, distributed power systems, and anywhere where
isolated, tightly regulated voltages and compact size are required.
MODEL SELECTION TABLE
SINGLE OUTPUT MODELS
Model Number
Input
Voltage
Output
Voltage
Output Current
Input Current
Output
Power
Efficiency
Maximum
Capacitive Load
Min Load (1)
Full Load
No Load
Full Load
DCBOB24S33-5H
24 VDC
(9 – 36
VDC)
3.3 VDC
38mA
1200mA
7mA
226mA
4W
77%
820µF
DCBOB24S05-5H
5 VDC
0mA
1000mA
12mA
274mA
5W
80%
680µF
DCBOB24S12-5H
12 VDC
0mA
500mA
8mA
316mA
6W
83%
220µF
DCBOB24S15-5H
15 VDC
0mA
400mA
9mA
320mA
6W
82%
147µF
DCBOB48S33-5H
48 VDC
(18 – 75
VDC)
3.3 VDC
49mA
1200mA
4mA
113mA
4W
77%
820µF
DCBOB48S05-5H
5 VDC
0mA
1000mA
7mA
137mA
5W
80%
680µF
DCBOB48S12-5H
12 VDC
0mA
500mA
5mA
160mA
6W
82%
220µF
DCBOB48S15-5H
15 VDC
0mA
400mA
5mA
158mA
6W
83%
147µF
DUAL OUTPUT MODELS
Model Number
Input
Voltage
Output
Voltage
Output Current
Input Current
Output
Power
Efficiency
Maximum
Capacitive Load
Min Load
Full Load
No Load
Full Load
DCBOB24D05-5H
24 VDC
(9 – 36
VDC)
±5 VDC
0mA
±500mA
12mA
274mA
5W
80%
±330µF
DCBOB24D12-5H
±12 VDC
0mA
±250mA
12mA
320mA
6W
82%
±100µF
DCBOB24D15-5H
±15 VDC
0mA
±200mA
14mA
320mA
6W
82%
±68µF
DCBOB48D05-5H
48 VDC
(18 – 75
VDC)
±5 VDC
0mA
±500mA
6mA
137mA
5W
80%
±330µF
DCBOB48D12-5H
±12 VDC
0mA
±250mA
7mA
160mA
6W
82%
±100µF
DCBOB48D15-5H
±15 VDC
0mA
±200mA
8mA
158mA
6W
83%
±68µF
NOTES
1. Output current under this value will not damage these devices; however, they may not meet all listed specifications.
*Due to advances in technology, specifications subject to change without notice.


Similar Part No. - DCBOB5

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCBOB5 WALL-DCBOB5 Datasheet
512Kb / 4P
Up to 6 Watts, DC/DC Power Converters
More results

Similar Description - DCBOB5

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCBOB5 WALL-DCBOB5 Datasheet
512Kb / 4P
Up to 6 Watts, DC/DC Power Converters
DCBUB12 WALL-DCBUB12 Datasheet
685Kb / 4P
Up to 12 Watts DC/DC Power Converters
DCMOP10 WALL-DCMOP10 Datasheet
158Kb / 5P
Up to 10 Watts, Medical DC/DC Power Converters
DCMPP10 WALL-DCMPP10 Datasheet
165Kb / 5P
Up to 10 Watts, Medical DC/DC Power Converters
DCMPPW10 WALL-DCMPPW10 Datasheet
159Kb / 5P
Up to 10 Watts, Medical DC/DC Power Converters
DCBOB3 WALL-DCBOB3 Datasheet
391Kb / 4P
Up to 3 Watts, DC/DC Power Converters
CBW WALL-CBW Datasheet
6Mb / 34P
Up to 30 Watts, DC/DC Power Converters
DCBUB12 WALL-DCBUB12_16 Datasheet
437Kb / 4P
Up to 12 Watts DC/DC Power Converters
DCMOP10 WALL-DCMOP10_18 Datasheet
321Kb / 5P
Up to 10 Watts Medical DC/DC Power Converters
DCMPP10 WALL-DCMPP10_18 Datasheet
363Kb / 5P
Up to 10 Watts Medical DC/DC Power Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com