Electronic Components Datasheet Search
  English  ▼

X  

DCMFW02 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # DCMFW02
Description  2 Watts DC/DC Converter Single and Dual Output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCMFW02 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  DCMFW02 Datasheet HTML 1Page - Wall Industries,Inc. DCMFW02 Datasheet HTML 2Page - Wall Industries,Inc. DCMFW02 Datasheet HTML 3Page - Wall Industries,Inc. DCMFW02 Datasheet HTML 4Page - Wall Industries,Inc. DCMFW02 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rev A
DCMFW02 SERIES
2 Watts
DC/DC Converter
Single and Dual Output
2/1/2017
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 5
SPECIFICATIONS
All specifications are based on 25°C, Resistive Load, Nominal Input Voltage, and Rated Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
Input Voltage Range
See Table
Input Surge Voltage (1 sec. max)
5V Input Models
-0.7
12
VDC
12V Input Models
-0.7
25
24V Input Models
-0.7
50
48V Input Models
-0.7
100
Start-Up Threshold Voltage
5V Input Models
4.5
VDC
12V Input Models
9
24V Input Models
18
48V Input Models
36
Short Circuit Input Power
All Models
0.5
W
Input Filter
Internal Capacitor
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Accuracy
±1.5
%Vnom.
Line Regulation
Vin=Min. to Max. @Full Load
±0.2
%
Load Regulation
Io=0% to 100%
±1.0
%
Output Voltage Balance
Dual Output, Balanced Loads
±2.0
%
Cross Regulation (Dual)
Asymmetrical Load 25%/100% FL
±5.0
%
Output Power
See Table
Output Current
See Table
Minimum Load
No Minimum Load Requirement
Maximum Capacitive Load
See Table
Ripple & Noise
0-20MHz Bandwidth
70
mVp-p
Transient Recovery
25% Load Step Change
250
500
µsec
Transient Response Deviation
25% Load Step Change
±3
±5
%
Temperature Coefficient
±0.01
±0.02
%/ºC
PROTECTION
Short Circuit Protection
Continuous, Automatic Recovery
Over Load Protection
Foldback
180
%
ENVIRONMENTAL SPECIFICATIONS
Operating Ambient Temperature
Natural Convection
-40
+80
ºC
Storage Temperature
-50
+125
ºC
Case Temperature
+95
ºC
Humidity
Non-Condensing
95
%RH
Lead Temperature
1.5mm from case for 10Sec.
260
ºC
Cooling
Natural Convection
Vibration
MTBF (Calculated)
MIL-HDBK0217F@25ºC, Ground Benign
4,226,000
GENERAL SPECIFICATIONS
Efficiency
See Table
Switching Frequency
100
KHz
Isolation Voltage
60 Seconds
1500
VDC
1 Second
1800
Isolation Resistance
500VDC
1000
M
Ω
Isolation Capacitance
100KHz, 1V
100
pF
PHYSICAL SPECIFICATIONS
Weight
0.14oz (3.9g)
Dimensions (L x W x H)
0.55in x 0.55in x 0.31in
(14mm x 14mm x 8mm)
Case Material
Non-Conductive Black Plastic
(Flammability to UL 94V-0)
Pin Material
Tinned Copper
SAFETY CHARACTERISTICS
Safety Approvals
UL/cUL 60950-1 Recognition (UL Certificate), IEC/EN 60950-1 (CB-Report)
EMI
Conduction & Radiation
EN5022, FCC Part 15
Class A, B(5)
EMS
EN55024
ESD
EN61000-4-2
Air ±8kV, Contact ±6kV
A
Radiated Immunity
EN61000-4-3
10V/m
A
Fast Transient(4)
EN61000-4-4(4)
±2kV
A
Surge(4)
EN61000-4-5(4)
±1kV
A
Conducted Immunity
EN61000-4-6
10Vrms
A
PFMF
EN61000-4-8
3A/M
A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com