Electronic Components Datasheet Search
  English  ▼

X  

DCMFW03 Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # DCMFW03
Description  3 Watts DC/DC Converter Single and Dual Output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCMFW03 Datasheet(HTML) 4 Page - Wall Industries,Inc.

  DCMFW03 Datasheet HTML 1Page - Wall Industries,Inc. DCMFW03 Datasheet HTML 2Page - Wall Industries,Inc. DCMFW03 Datasheet HTML 3Page - Wall Industries,Inc. DCMFW03 Datasheet HTML 4Page - Wall Industries,Inc. DCMFW03 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Rev A
DCMFW03 SERIES
3 Watts
DC/DC Converter
Single and Dual Output
2/3/2017
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 4 of 5
TEST SETUP
Peak-to-Peak Output Noise Measurement Test
Use a Cout 0.47µF ceramic capacitor. Scope measurement should be made by using a BNC socket, measurement bandwidth is 0-20MHz. Position the
load between 50mm and 75mm from the DC/DC converter.
TECHNICAL NOTES
Maximum Capcitive Load
The DCMFW03 series has limitation of maximum connected capacitance at the output. The power module many be operated in current lmiting mode
during start-up, affecting the ramp-up and the startup time. The maximum capacitance can be found in the data sheet.
Overload Protection
To provide protection in a fault (output overload) condition, the unit is equipped with internal current limiting circuitry and can endure current limiting for
an unlimited duration. At the point of current-limit inception, the unit shifts from voltage control to current control. The unit operates normally once the
output current is brought back into its specified range.
Input Source Impedance
The power module should be connected to a low ac-impedance input source. Highly inductive source impedances can affect the stability of the power
module. In applications where power is supplied over long lines and output loading is high, it may be necessary to use a capactior at the input to ensure
startup. Capacitor moutned close to the power module helps ensure stabiliyt of the unit, it is recommended to use a good quality low Equivalent Series
Resistance (ESR <1.0
Ω at 100KHz) capactior of a 8.2µF for the 5V input device, a 3.3µF for the 12V input devices and a 1.5µF for the 24V and 48V
devices.
Output Ripple Reduction
A good quality low ESR capacitor placed as close as practivable across the load will give the best ripple and noise performance. To reduce output
ripple, it is recommended to use 3.3µF capacitors at the output.
Thermal Considerations
Many conditions affect the thermal performance of the power module, such as orientation, airflow over the module and board spacing. To avoid
exceeding the maximum temperature rating of the components inside the power module, the case temeprature must be kept below 105ºC. the derating
curves are determined from mesuarements obtained in a test setup.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com