Electronic Components Datasheet Search
  English  ▼

X  

DCMID03 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # DCMID03
Description  3 Watts DC/DC Converter Single and Dual Output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCMID03 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  DCMID03 Datasheet HTML 1Page - Wall Industries,Inc. DCMID03 Datasheet HTML 2Page - Wall Industries,Inc. DCMID03 Datasheet HTML 3Page - Wall Industries,Inc. DCMID03 Datasheet HTML 4Page - Wall Industries,Inc. DCMID03 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rev A
DCMID03 SERIES
3 Watts
DC/DC Converter
Single and Dual Outputs
8/19/2016
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 5
SPECIFICATIONS
All specifications are based on 25°C, Resistive Load, Nominal Input Voltage, and Rated Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
Input Voltage Range
5V Input Models
4.5
5.5
VDC
12V Input Models
10.8
13.2
24V Input Models
21.6
26.4
Input Surge Voltage (1 sec. max.)
5V Input Models
-0.7
7.5
VDC
12V Input Models
-0.7
15
24V Input Models
-0.7
30
Short Circuit Input Power
All Models
2500
mW
Input Filter
Internal Pi Type
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Accuracy
±4.0
%
Line Regulation
Vin=Min. to Max. @Full Load
±2.0
Load Regulation
Io=10% to 100%
±0.5
±1.0
%
Voltage Balance
Dual Output, Balanced Loads
Output Power
See Table
Output Current
See Table
Minimum Load
No Minimum Load Requirement
Maximum Capacitive Load
See Table
Ripple & Noise
0-20MHz Bandwidth
50
mVp-p
Temperature Coefficient
±0.01
±0.02
%/ºC
PROTECTION
Short Circuit Protection
Continuous, Automatic Recovery
ENVIRONMENTAL SPECIFICATIONS
Operating Ambient Temperature
Natural Convection
-40
+75
ºC
Storage Temperature
-50
+125
ºC
Case Temperature
+95
ºC
Humidity
Non-Condensing
95
%RH
Lead Temperature
1.5mm from case for 10Sec.
260
ºC
Cooling
Natural Convection
MTBF (Calculated)
MIL-HDBK-217F @25ºC, Ground Benign
1,000,000
Hours
GENERAL SPECIFICATIONS
Typ. Efficiency
@Max. Load
See Table
Switching Frequency
25
60
KHz
I/O Isolation Voltage
Rated for 60 Seconds
3000
VACrms
Tested for 1 Second
6000
VDC
Isolation Resistance
500VDC
10
G
Ω
Isolation Capacitance
100KHz, 1V
20
pF
Common Mode Transient Immunity
15
KV/µs
PHYSICAL SPECIFICATIONS
Weight
0.44oz (12.4g)
Dimensions (L x W x H)
1.25in x 0.80in x 0.41in
(31.8mm x 20.3mm x 10.5mm)
Case Material
Non-Conductive Black Plastic
(Flammability to UL 94V-0 rated)
Pin Material
Copper Alloy with Gold Plate Over Nickel
Subplate
SAFETY CHARACTERISTICS
Safety Approvals
UL/cUL 60950-1 recognition (UL certificate)
IEC/EN 6090-1 (CB-report)
Conducted EMI
EN 55022
FCC Part 15
Class A
Class A
NOTES
1.
# for each output
2.
It is recommended to protect the converter by a slow blow fuse in the input supply line.
3.
Other input and output voltages may be available, please contact factory.
4.
Natural Convection is about 20LFM but is not equal to still air (0 LFM)
*Due to advances in technology, specifications subject to change without notice.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com