Electronic Components Datasheet Search
  English  ▼

X  

DCPDL06 Datasheet(PDF) 5 Page - Wall Industries,Inc.

Part # DCPDL06
Description  6 Watt DC/DC Power Converters
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCPDL06 Datasheet(HTML) 5 Page - Wall Industries,Inc.

  DCPDL06 Datasheet HTML 1Page - Wall Industries,Inc. DCPDL06 Datasheet HTML 2Page - Wall Industries,Inc. DCPDL06 Datasheet HTML 3Page - Wall Industries,Inc. DCPDL06 Datasheet HTML 4Page - Wall Industries,Inc. DCPDL06 Datasheet HTML 5Page - Wall Industries,Inc. DCPDL06 Datasheet HTML 6Page - Wall Industries,Inc. DCPDL06 Datasheet HTML 7Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Rev C
DCPDL06 SERIES
6 Watt DC/DC Power Converters
07/10/2013
Wall Industries, Inc. • 5 Watson Brook Road, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 5 of 7
DERATING CURVES
DCPDL06-48S05 Derating Curve
DCPDL06-48S05M Derating Curve
EFFICIENCY CURVES
DCPDL06-48S05 Efficiency vs Input Voltage
DCPDL06-48S05 Efficiency vs Output Current
RECOMMENDED EMI FILTER
EN55022 Class A
Model
C1
C2
C3
L1
DCPDL06-05xxx
22µF/10V
1210 MLCC
22µF/10V
1210 MLCC
150pF/3KV
1808 MLCC
2.2µH 0504 SMD
Inductor PMT-059
DCPDL06-12xxx
22µF/25V
1812 MLCC
N/A
680pF/3KV
1808 MLCC
8.2µH 0504 SMD
Inductor PMT-077
DCPDL06-24xxx
10µF/50V
1210 MLCC
N/A
1000pF/3KV
1808 MLCC
10µH 0504 SMD
Inductor PMT-047
DCPDL06-48xxx
4.7µF/100V
1812 MLCC
N/A
1000pF/3KV
1808 MLCC
33µH 0504 SMD
Inductor PMT-089
EN55022 Class B
Model
C1
C2
C3
C4
L1
DCPDL06-05xxx
47µF/16V
1210 MLCC
47µF/16V
1210 MLCC
150pF/3KV
1808 MLCC
N/A
3.3µH 0504 SMD
Inductor PMT-044
DCPDL06-12xxx
22µF/25V
1812 MLCC
22µF/25V
1812 MLCC
330pF/3KV
1808 MLCC
330pF/3KV
1808 MLCC
8.2µH 0504 SMD
Inductor PMT-077
DCPDL06-24xxx
10µF/50V
1210 MLCC
10µF/50V
1210 MLCC
330pF/3KV
1808 MLCC
330pF/3KV
1808 MLCC
10µH 0504 SMD
Inductor PMT-047
DCPDL06-48xxx
4.7µF/100V
1812 MLCC
4.7µF/100V
1812 MLCC
330pF/3KV
1808 MLCC
330pF/3KV
1808 MLCC
33µH 0504 SMD
Inductor PMT-089



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com