Electronic Components Datasheet Search
  English  ▼

X  

PE3C4130 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3C4130
Description  Plenum 7/16 DIN Male to 7/16 DIN Male Low PIM Cable Using SPP-250-LLPL Coax, RoHS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C4130 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3C4130 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C4130 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C4130 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C4130 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3C4130 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE3C4130 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Configuration
• Connector 1: 7/16 DIN Male
• Connector 2: 7/16 DIN Male
• Cable Type: SPP-250-LLPL
Features
• PIM < -160 dBc
• 100% Tested with PIM Test Results Marked on Cable
• UL910 Plenum Rated Cable
• Lightweight and Extremely Flexible
• Low Loss with Excellent VSWR
• IP67 (when mated)
SPP-250-LLPL
.280
7.11
JACKET
OUTER SHIELD
DIELECTRIC
SOLID CENTER
CONDUCTOR
Applications
• Distributed Antenna Systems
(DAS)
• Plenum Installations
• Multi-Carrier Communication
Systems
• PIM Testing
.
Description
Pasternack’s low PIM plenum cable assemblies using SPP-250-LLPL coax and 7/16 DIN male to 7/16 DIN male connections
are part of our full line of RF components available for same-day shipping. These 7/16 DIN male to 7/16 DIN male plenum coax
cable assemblies deliver low PIM performance to support Distributed Antenna Systems (DAS) and other complex, multi-carrier
communication systems. The SPP-250-LLPL coax cable has been certified in accordance with UL910 for plenum coaxial
cable installations. Each 7/16 DIN male to 7/16 DIN male cable assembly is 100% tested for Passive Intermodulation (PIM)
and the tested value is marked directly on the cable.
Our 7/16 DIN male to 7/16 DIN male cable datasheet specifications and drawing with dimensions are shown below in this PDF.
Whether the need is to provide a low PIM jumper connection, low PIM test cable or simply create a custom cable assembly
configuration, Pasternack has the right cable assemblies for the job.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
6
GHz
VSWR
1.35:1
Velocity of Propagation
76
%
RF Shielding
100
dB
Passive Intermodulation
-165
-160
dBc
Capacitance
26.7 [87.6]
pF/ft [pF/m]
Operating Voltage (AC)
750
Vrms
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Plenum 7/16 DIN Male to 7/16 DIN Male Low PIM Cable Using SPP-250-LLPL Coax, RoHS
PE3C4130
PE3C4130 REV 1.1
Plenum 7/16 DIN Male to 7/16 DIN Male Low PIM
Cable Using SPP-250-LLPL Coax, RoHS
RF Cable Assemblies Technical Data Sheet
PE3C4130


Similar Part No. - PE3C4130

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C4130-100CM PASTERNACK-PE3C4130-100CM Datasheet
507Kb / 6P
Plenum 7/16 DIN Male to 7/16 DIN Male Low PIM Cable 100 CM Length Using SPP-250-LLPL Coax, RoHS
PE3C4130-200CM PASTERNACK-PE3C4130-200CM Datasheet
507Kb / 6P
Plenum 7/16 DIN Male to 7/16 DIN Male Low PIM Cable 200 CM Length Using SPP-250-LLPL Coax, RoHS
More results

Similar Description - PE3C4130

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C4130-100CM PASTERNACK-PE3C4130-100CM Datasheet
507Kb / 6P
Plenum 7/16 DIN Male to 7/16 DIN Male Low PIM Cable 100 CM Length Using SPP-250-LLPL Coax, RoHS
PE3C4130-200CM PASTERNACK-PE3C4130-200CM Datasheet
507Kb / 6P
Plenum 7/16 DIN Male to 7/16 DIN Male Low PIM Cable 200 CM Length Using SPP-250-LLPL Coax, RoHS
PE3C4131 PASTERNACK-PE3C4131 Datasheet
508Kb / 6P
Plenum 7/16 DIN Male Right Angle to 7/16 DIN Male Low PIM Cable Using SPP-250-LLPL Coax, RoHS
PE3C4131-100CM PASTERNACK-PE3C4131-100CM Datasheet
509Kb / 6P
Plenum 7/16 DIN Male Right Angle to 7/16 DIN Male Low PIM Cable 100 CM Length Using SPP-250-LLPL Coax, RoHS
PE3C4131-200CM PASTERNACK-PE3C4131-200CM Datasheet
509Kb / 6P
Plenum 7/16 DIN Male Right Angle to 7/16 DIN Male Low PIM Cable 200 CM Length Using SPP-250-LLPL Coax, RoHS
PE3C4132 PASTERNACK-PE3C4132 Datasheet
505Kb / 6P
Plenum N Male to 7/16 DIN Male Low PIM Cable Using SPP-250-LLPL Coax, RoHS
PE3C4133 PASTERNACK-PE3C4133 Datasheet
504Kb / 6P
Plenum N Female to 7/16 DIN Male Low PIM Cable Using SPP-250-LLPL Coax, RoHS
PE3C4134 PASTERNACK-PE3C4134 Datasheet
505Kb / 6P
Plenum 4.1/9.5 Mini DIN Male to 7/16 DIN Male Low PIM Cable Using SPP-250-LLPL Coax, RoHS
PE3C4135 PASTERNACK-PE3C4135 Datasheet
504Kb / 6P
Plenum 4.3-10 Male to 7/16 DIN Male Low PIM Cable Using SPP-250-LLPL Coax, RoHS
PE3C4144 PASTERNACK-PE3C4144 Datasheet
507Kb / 6P
Plenum 7/16 DIN Male Right Angle to 7/16 DIN Male Right Angle Low PIM Cable Using SPP-250-LLPL Coax, RoHS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com