Electronic Components Datasheet Search
  English  ▼

X  

16TTSFP Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 16TTSFP
Description  Phase Control SCR TO-220AB FULL-PAK, 16 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

16TTSFP Datasheet(HTML) 3 Page - Vishay Siliconix

  16TTSFP Datasheet HTML 1Page - Vishay Siliconix 16TTSFP Datasheet HTML 2Page - Vishay Siliconix 16TTSFP Datasheet HTML 3Page - Vishay Siliconix 16TTSFP Datasheet HTML 4Page - Vishay Siliconix 16TTSFP Datasheet HTML 5Page - Vishay Siliconix 16TTSFP Datasheet HTML 6Page - Vishay Siliconix 16TTSFP Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Document Number: 93697
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 19-Jun-08
3
16TTS..FP High Voltage Series
Phase Control SCR
TO-220AB FULL-PAK, 16 A
Vishay High Power Products
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction and storage
temperature range
TJ, TStg
- 40 to 125
°C
Maximum thermal resistance,
junction to case
RthJC
DC operation
1.5
°C/W
Maximum thermal resistance,
junction to ambient
RthJA
62
Typical thermal resistance,
case to heatsink
RthCS
Mounting surface, smooth and greased
1.5
Approximate weight
2g
0.07
oz.
Mounting torque
minimum
6 (5)
kgf · cm
(lbf · in)
maximum
12 (10)
Marking device
Case style TO-220AB FULL-PAK (94/V0)
16TTS08FP
16TTS12FP



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com