Electronic Components Datasheet Search
  English  ▼

X  

SP4208 Datasheet(PDF) 4 Page - Littelfuse

Part # SP4208
Description  The SP4208 components integrate low capacitance steering diodes with one or two avalanche breakdown diodes for unidirectional or bidirectional protection
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP4208 Datasheet(HTML) 4 Page - Littelfuse

  SP4208 Datasheet HTML 1Page - Littelfuse SP4208 Datasheet HTML 2Page - Littelfuse SP4208 Datasheet HTML 3Page - Littelfuse SP4208 Datasheet HTML 4Page - Littelfuse SP4208 Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
©2017 Littelfuse, Inc.
Specifications are subject to change without notice.
TVS Diode Arrays (SPA®Diodes)
Revision: 09/20/17
TVS Diode Arrays (SPA® Diodes)
Lightning Surge Protection- SP4208 Series
Time
TP
TL
TS(max)
TS(min)
25
tP
tL
tS
time to peak temperature
Preheat
Preheat
Ramp-up
Ramp-up
Ramp-down
Ramp-do
Critical Zone
TL to TP
Critical Zone
TL to TP
Reflow Condition
Pb – Free assembly
Pre Heat
- Temperature Min (T
s(min))
150°C
- Temperature Max (T
s(max))
200°C
- Time (min to max) (t
s)
60 – 180 secs
Average ramp up rate (Liquidus) Temp (T
L)
to peak
3°C/second max
T
S(max) to TL - Ramp-up Rate
3°C/second max
Reflow
- Temperature (T
L) (Liquidus)
217°C
- Temperature (t
L)
60 – 150 seconds
Peak Temperature (T
P)
260+0/-5 °C
Time within 5°C of actual peak
Temperature (t
p)
20 – 40 seconds
Ramp-down Rate
6°C/second max
Time 25°C to peak Temperature (T
P)
8 minutes Max.
Do not exceed
260°C
Soldering Parameters
Ordering Information
Part Number
Package
Marking
Min. Order Qty.
SP4208-01FTG
SOD323
Axx
3000
SP4208-01FTG-C
SOD323
Bxx
3000
Part Numbering System
Part Marking System
SP
01
T G
Series
Number of
Channels
Package
T= Tape & Reel
G= Green
–
TVS Diode Arrays
(SPA® Diodes)
F: SOD323
F
4208
C
Blank= Unidirectional
C= Bidirectional
–
AXY
SP4208-01FTG
A= Part Code
X= Assembly site
Y= Date code
BXY
SP4208-01FTG-C
B= Part Code
X= Assembly site
Y= Date code
12
12
Product Characteristics
Lead Plating
Matte Tin
Lead Material
Iron Alloy
Lead Coplanarity
0.004 inches(0.102mm)
Substrate material
Silicon
Body Material
Molded Epoxy
Flammability
UL Recognized epoxy meeting
flammability rating V-0.
Notes :
1. All dimensions are in millimeters
2. Dimensions include solder plating.
3. Dimensions are exclusive of mold flash & metal burr.
4. Blo is facing up for mold and facing down for trim/form, i.e. reverse trim/form.
5. Package surface matte finish VDI 11-13.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com