Electronic Components Datasheet Search
  English  ▼

X  

70TPS Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 70TPS
Description  Phase Control SCR, 70 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

70TPS Datasheet(HTML) 5 Page - Vishay Siliconix

  70TPS Datasheet HTML 1Page - Vishay Siliconix 70TPS Datasheet HTML 2Page - Vishay Siliconix 70TPS Datasheet HTML 3Page - Vishay Siliconix 70TPS Datasheet HTML 4Page - Vishay Siliconix 70TPS Datasheet HTML 5Page - Vishay Siliconix 70TPS Datasheet HTML 6Page - Vishay Siliconix 70TPS Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Document Number: 93712
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 02-Jun-08
5
70TPS.. High Voltage Series
Phase Control SCR, 70 A Vishay High Power Products
Fig. 7 - On-State Voltage Drop Characteristics
Fig. 8 - Gate Characteristics
Fig. 9 - Thermal Impedance ZthJC Characteristics
Instantaneous On-state Voltage (A)
1
10
100
1000
0.5
1
1.5
2
2.5
3
3.5
70TPS.. Series
Tj = 25˚C
Tj = 125˚C
Instantaneous Gate Current (A)
0.1
1
10
100
0.001
0.01
0.1
1
10
100
1000
(b)
(a)
Rectangular gate pulse
(4) (3)
(2) (1)
(1) PGM = 100 W, tp = 500 µs
(2) PGM = 50 W, tp = 1 ms
(3) PGM = 20 W, tp = 25 ms
(4) PGM = 10 W, tp = 5 ms
a)Recommended load line for
b)Recommended load line for
VGD
IGD
Frequency Limited by PG(AV)
rated di/dt: 20 V, 30 ohms
tr = 0.5 µs, tp >= 6 µs
<= 30% rated di/dt: 20 V, 65 ohms
tr = 1 µs, tp >= 6 µs
70TPS.. Series
Square Wave Pulse Duration (s)
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
Steady State Value
(DC Operation)
Single Pulse
D = 0.50
D = 0.33
D = 0.25
D = 0.17
D = 0.08
70TPS.. Series



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com