Electronic Components Datasheet Search
  English  ▼

X  

CS14145 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CS14145
Description  Strada Assembly
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CS14145 Datasheet(HTML) 1 Page - Ledil, Inc.

  CS14145 Datasheet HTML 1Page - Ledil, Inc. CS14145 Datasheet HTML 2Page - Ledil, Inc. CS14145 Datasheet HTML 3Page - Ledil, Inc. CS14145 Datasheet HTML 4Page - Ledil, Inc. CS14145 Datasheet HTML 5Page - Ledil, Inc. CS14145 Datasheet HTML 6Page - Ledil, Inc. CS14145 Datasheet HTML 7Page - Ledil, Inc. CS14145 Datasheet HTML 8Page - Ledil, Inc. CS14145 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
PRODUCT DATASHEET
Strada series
last update 24/5/2017
DETAILS
Product Number
CS14145_STRADA-IP-2X6-DWC-90
Family
Strada
Type
Assembly
Color
white
Diameter
71,4x173 mm
Height
8,98 mm
Style
rectang
Optic Material
PMMA
Holder Material
Fastening
screw
Status
production ready
ROHS Compliant
Yes
Date Updated
24/05/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
XT-E
Asymmetric degAsymmetric 94 %
0.514
-
XP-G2
Asymmetric degAsymmetric 93 %
0.540
-
XP-G3
sim: AsymmetricAsymmetric sim: 88 % sim: 0.430 -
LUXEON Rebel ES
Asymmetric degAsymmetric 93 %
0.510
-
LUXEON T
Asymmetric degAsymmetric 94 %
0.510
-
LUXEON TX
Asymmetric degAsymmetric 94 %
0.610
-
LUXEON 5050
sim: AsymmetricAsymmetric sim: 91 % sim: 0.410 -
NVSxx19B/NVSxx19C
Asymmetric degAsymmetric 94 %
0.530
-
NVSW3x9A
Asymmetric degAsymmetric 94 %
0.480
-
Duris S8
Asymmetric degAsymmetric 94 %
0.460
-
OSCONIQ P 3737 (3W version)
sim: AsymmetricAsymmetric sim: 93 % sim: 0.420 -
Oslon Square EC
Asymmetric degAsymmetric 94 %
0.550
-
LH351Z
Asymmetric degAsymmetric 94 %
0.550
-
Z5M1/Z5M2
sim: AsymmetricAsymmetric sim: 90 % sim: 0.620 -
Z8Y22P
Asymmetric degAsymmetric 94 %
0.510
-
SMJQ-D36W12Mx
Asymmetric degAsymmetric 93 %
0.570
-
Z8Y22
Asymmetric degAsymmetric 92 %
0.600
-
TL1L2
sim: AsymmetricAsymmetric sim: 88 % -
-
TL1L4
Asymmetric degAsymmetric 91 %
0.540
-
January 26th 2018 9:42 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - CS14145

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CS14145 LEDIL-CS14145 Datasheet
8Mb / 9P
Universal road lighting (typically IESNA Type III medium) beam with excellent mixed illuminance and luminance uniformity
CS14145 LEDIL-CS14145_18 Datasheet
8Mb / 9P
Universal road lighting (typically IESNA Type III medium) beam with excellent mixed illuminance and luminance uniformity
More results

Similar Description - CS14145

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CS12862 LEDIL-CS12862 Datasheet
3Mb / 50P
Strada Assembly
CS15671 LEDIL-CS15671 Datasheet
1Mb / 23P
Strada Assembly
CA10916 LEDIL-CA10916 Datasheet
156Kb / 3P
Strada Assembly
CA11180 LEDIL-CA11180 Datasheet
294Kb / 5P
Strada Assembly
CA11348 LEDIL-CA11348 Datasheet
433Kb / 9P
Strada Assembly
CA12333 LEDIL-CA12333 Datasheet
663Kb / 11P
Strada Assembly
CA14032 LEDIL-CA14032 Datasheet
1Mb / 29P
Strada Assembly
CA15946 LEDIL-CA15946 Datasheet
967Kb / 13P
Strada Assembly
CA16470 LEDIL-CA16470 Datasheet
132Kb / 2P
Strada Assembly
CS15362 LEDIL-CS15362 Datasheet
2Mb / 41P
Strada Assembly
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com