Electronic Components Datasheet Search
  English  ▼

X  

VBUS052BD-HTF Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VBUS052BD-HTF
Description  Low Capacitance, 2-Line ESD Protection Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VBUS052BD-HTF Datasheet(HTML) 3 Page - Vishay Siliconix

  VBUS052BD-HTF Datasheet HTML 1Page - Vishay Siliconix VBUS052BD-HTF Datasheet HTML 2Page - Vishay Siliconix VBUS052BD-HTF Datasheet HTML 3Page - Vishay Siliconix VBUS052BD-HTF Datasheet HTML 4Page - Vishay Siliconix VBUS052BD-HTF Datasheet HTML 5Page - Vishay Siliconix VBUS052BD-HTF Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
VBUS052BD-HTF
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 03-May-17
3
Document Number: 81788
For technical questions, contact: ESDprotection@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 5 - Typical Reverse Voltage VR vs. Reverse Current IR
Fig. 6 - Typical Clamping Voltage vs.
Peak Pulse Current IPP
Fig. 7 - Typical Clamping Performance at + 8 kV
Contact Discharge (acc. IEC 61000-4-2)
Fig. 8 - Typical Clamping Performance at - 8 kV
Contact Discharge (acc. IEC 61000-4-2)
Fig. 9 - Typical Peak Clamping Voltage at ± ESD Contact Discharge
(acc. IEC 61000-4-2)
0
1
2
3
4
5
6
7
8
9
0.01
0.1
1
10
100
1000 10 000
I
R (µA)
20944
- 10
- 5
0
5
10
15
20
01234
I
PP (A)
20945
V
C
Positive surge
Negative surge
Measured
acc. IEC 61000-4-5
(8/20 µs - wave form)
- 20
0
20
40
60
80
100
120
- 10 0
102030405060708090
Acc. IEC 61000-4-2
+ 8 kV
contact discharge
t (ns)
20946
- 160
- 140
- 120
- 100
- 80
- 60
- 40
- 20
0
20
- 10 0
10 20 30 40 50 60 70 80 90
t (ns)
20947
Acc. IEC 61000-4-2
- 8 kV
contact discharge
- 250
- 200
- 150
- 100
- 50
0
50
100
150
200
0
5
10
15
20
V
ESD (kV)
20948
Acc. IEC 61000-4-2
contact discharge
V
C-ESD
Positive discharge
Negative discharge



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com