Electronic Components Datasheet Search
  English  ▼

X  

RFM Datasheet(PDF) 3 Page - Recom International Power

Part # RFM
Description  1 Watt SIP4 Single Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RFM Datasheet(HTML) 3 Page - Recom International Power

  RFM Datasheet HTML 1Page - Recom International Power RFM Datasheet HTML 2Page - Recom International Power RFM Datasheet HTML 3Page - Recom International Power RFM Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.recom-power.com
REV.: 0/2018
ECO-3
DC/DC Converter
RFM
Series
Specifications (measured @ Ta= 25°C, nominal input voltage, full load and after warm-up)
ENVIRONMENTAL
Parameter
Condition
Value
Operating Temperature Range
(@ natural convection 0.1m/s) (see graph)
without derating
-40°C to +85°C
Maximum Case Temperature
+105°C
Temperature Coefficient
±0.05%/°C
Thermal Impedance
0.1m/s, horizontal direction
60°C/W
Operating Altitude
2000m
Operating Humidity
non-condensing
95% RH max.
Pollution Degree
PD2
Vibration
MIL-STD-202G
MTBF
according to MIL-HDBK-217F, G.B.
+25°C
+85°C
20100 x 103 hours
8700 x 103 hours
-40 -20 0
20 40 60 80 100 120
100
90
80
70
60
50
40
30
20
10
0
Ambient Temperature [°C]
85
SAFETY AND CERTIFICATIONS
Certificate Type (Safety)
Report/File Number
Standard
Information Technology Equipment, General Requirements for Safety
E358085-A4
UL60950-1, 2nd Edition, 2007
CSA C22.2 No. 60950-1-07, 2nd Edition, 2007
RoHs 2+
RoHS 10/10, 2015
EMC Compliance
Condition
Standard / Criterion
Information technology equipment - Radio disturbance
characteristics - Limits and methods of measurement
with external filter
(see below filter suggestion)
EN55032, Class A, B
EMC Filtering - Suggestions for Class A and B
C1
C2
C3
L1
+Vin
-Vin
+Vout
-Vout
Component List Class A
C1
L1
C2
C3
6.8µF
-
-
-
Component List Class B
C1
L1
C2 and C3
10µF
22µH
330pF/1kV
Derating Graph
(@ Chamber and natural convection 0.1m/s)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com