Electronic Components Datasheet Search
  English  ▼

X  

P32P4910 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # P32P4910
Description  PRML Read Channel with PR4, 8/9 ENDEC, 4-Burst Servo
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P32P4910 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button P32P4910 Datasheet HTML 9Page - NXP Semiconductors P32P4910 Datasheet HTML 10Page - NXP Semiconductors P32P4910 Datasheet HTML 11Page - NXP Semiconductors P32P4910 Datasheet HTML 12Page - NXP Semiconductors P32P4910 Datasheet HTML 13Page - NXP Semiconductors P32P4910 Datasheet HTML 14Page - NXP Semiconductors P32P4910 Datasheet HTML 15Page - NXP Semiconductors P32P4910 Datasheet HTML 16Page - NXP Semiconductors P32P4910 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 64 page
background image
1996 May 29
13
Philips Semiconductors
Product specification
PRML Read Channel with PR4,
8/9 ENDEC, 4-Burst Servo
P32P4910A
With a zero at the origin, the filter provides a time-differentiated filter output. This is used in time qualification of the peak
detection. To ease the timing requirement in peak detection of a signal slightly above the qualification threshold, the
time-differentiated output is purposely delayed by 1.2 ns relative to the normal low pass output.
The normal low pass output feeds the data qualifier (DP/DN), and the differentiated output feeds the clock comparator
(CP/CN).
Five definitions are introduced for the programmable filter control discussion (Figure 6):
Cutoff Frequency: The cutoff frequency is the -3 dB low pass bandwidth with no boost and group delay equalization, i.e.
α=0 and β=0.
Actual Boost: The amount of peaking in magnitude response at the cutoff frequency due to
α≠0 and/or β≠0.
Alpha Boost: The amount of peaking in magnitude response at the cutoff frequency due to
α≠0 and without group delay
equalization. In general, the actual boost with group delay equalization is higher than the alpha boost. However, with
>3 dB alpha boost, the difference is minimal.
Group Delay
∆%: The group delay ∆% is the percentage change in absolute group delay at DC with respect to that
without equalization applied (
β=0).
Group Delay Variation: The group delay variation is the change in group delay from DC to the cutoff frequency. This
can be expressed as a percentage defined as: (change in group delay
÷ absolute group delay with β=0) * 100%. An
alternative is to express the group delay variation in nanoseconds. Because the absolute group delay variation in
nanoseconds is scaled by the programmed cutoff frequency, the percentage expression is used in this specification.
SM00010
IN
Ts2–bs+1.31703
s2+1.68495s+1.31703
2.95139
s2+1.54203s+2.95139
5.37034
s2+1.14558s+5.37034
0.86133
s+0.86133
s
s+0.86133
Normal
Differential
Figure 5: Programmable Filter Normalized Transfer Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com