Electronic Components Datasheet Search
  English  ▼

X  

CBW Datasheet(PDF) 34 Page - Wall Industries,Inc.

Part # CBW
Description  Up to 30 Watts, DC/DC Power Converters
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

CBW Datasheet(HTML) 34 Page - Wall Industries,Inc.

Back Button CBW Datasheet HTML 26Page - Wall Industries,Inc. CBW Datasheet HTML 27Page - Wall Industries,Inc. CBW Datasheet HTML 28Page - Wall Industries,Inc. CBW Datasheet HTML 29Page - Wall Industries,Inc. CBW Datasheet HTML 30Page - Wall Industries,Inc. CBW Datasheet HTML 31Page - Wall Industries,Inc. CBW Datasheet HTML 32Page - Wall Industries,Inc. CBW Datasheet HTML 33Page - Wall Industries,Inc. CBW Datasheet HTML 34Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 34 / 34 page
background image
Rev D
CBW SERIES
Up to 30 Watts, DC/DC Power Converters
11/29/2017
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-
9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 34 of 34
MODEL NUMBER SETUP
Single Output Models
CBW
24
S
12
-
2500
R
HS
Series Name
Input Voltage
Output Quantity
Ouptut Voltage
Output Current
Remote On/Off
Heatsink
24: 9 - 36 VDC
S: Single Output
1.5 1.5V
2000: 2000mA
None: positive Logic
None: No Heatsink
48:
18 - 75
VDC
2.5 2.5V
2500: 2500mA
R: negative Logic
HS: With Heatsink
3.3: 3.3V
6000: 6000mA
5: 5V
7500: 7500mA
5.1 5. 1V
8000: 8000mA
12: 12V
8500: 8500mA
15: 15V
Dual Output Models
CBW
24
D
12
-
1250
R
HS
Series Name
Input Voltage
Output Quantity
Ouptut Voltage
Output Current
Remote On/Off
Heatsink
24: 9 - 36 VDC
D: Dual Output
5: ±5V
1000: ±1000mA
None: positive Logic
None: No Heatsink
48:
18 - 75
VDC
12: ±12V
1250: ±1250mA
R: negative Logic
HS: With Heatsink
15: ±15V
3000: ±3000mA
Triple Output Models
CBW
24
T
512
-
30
R
HS
Series Name
Input Voltage
Output Quantity
Ouptut Voltage
Output Power
Remote On/Off
Heatsink
24: 9 - 36 VDC
T: Triple Output
3.312:
3.3V /
±12V
26: 26.5 Watts None: positive Logic
None: No Heatsink
48:
18 - 75
VDC
3.315:
3.3V /
±15V
30: 30 Watts
R: negative Logic
HS: With Heatsink
512: 5V / ±12V
515: 5V / ±15V
COMPANY INFORMATION
Wall Industries, Inc. has created custom and modified units for over 50 years. Our in-house research and development
engineers will provide a solution that exceeds your performance requirements on-time and on budget. Our ISO9001-2008
certification is just one example of our commitment to producing a high quality, well-documented product for our customers.
Our past projects demonstrate our commitment to you, our customer. Wall Industries, Inc. has a reputation for working closely
with its customers to ensure each solution meets or exceeds form, fit and function requirements. We will continue to provide
ongoing support for your project above and beyond the design and production phases. Give us a call today to discuss your
future projects.
Contact Wall Industries for further information:
Phone:
(603)778-2300
Toll Free:
(888)597-9255
Fax:
(603)778-9797
E-mail:
sales@wallindustries.com
Web:
www.wallindustries.com
Address:
37 Industrial Drive
Exeter, NH 03833



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com